Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS604 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # RS604
Description  6Amp single phase bridge rectifier 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

RS604 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  RS604 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech RS604 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS601
THRU
RS607
6 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
KBU
Features
Low Leakage
Low Forward Voltage
Any Mounting Position
Silver Plated Copper Leads
Surge Overload Rating Of 200 Amps
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.895
.935
22.70
23.70
B
---
.760
---
19.30
C
.660
.700
16.80
17.80
D
.15
∅ x
.23L
3.8
∅ x
5.57L
HOLE
E
1.00
---
25.40
---
F
.048
.052
1.20
1.30
TYP
G
.260
.280
6.60
7.10
H
.180
.220
4.60
5.60
I
.185
.205
4.70
5.20
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
RS601
KBU6A
50V
35V
50V
RS602
KBU6B
100V
70V
100V
RS603
KBU6D
200V
140V
200V
RS604
KBU6G
400V
280V
400V
RS605
KBU6J
600V
420V
600V
RS606
KBU6K
800V
560V
800V
RS607
KBU6M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TA = 65
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 3.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1 mA
TA = 25
°C
TA = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
D
E
F
G
I
H
A
+
-
www.cnelectr.com
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - RS604

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS604 RECTRON-RS604 Datasheet
55Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
CHENG-YI ELECTRONIC CO....
RS604 CHENG-YI-RS604 Datasheet
127Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
RS604 NJSEMI-RS604 Datasheet
87Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
RS604 BYTES-RS604 Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
RS604 SY-RS604 Datasheet
237Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - RS604

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GBJ6005 CHENYI-GBJ6005 Datasheet
56Kb / 2P
   6Amp glass passivated bridge rectifier 50to1000 volts
KBU8A CHENYI-KBU8A Datasheet
318Kb / 2P
   8Amp single phase bridge rectifier 50to1000 volts
RS201 CHENYI-RS201 Datasheet
81Kb / 2P
   2Amp single phase bridge rectifier 50to1000 volts
RS1001 CHENYI-RS1001 Datasheet
45Kb / 2P
   10Amp single phase bridge rectifier 50to1000 volts
RS401L CHENYI-RS401L Datasheet
57Kb / 2P
   4Amp single phase bridge rectifier 50to1000 volts
DB151 CHENYI-DB151 Datasheet
126Kb / 2P
   1.5 Amp single phase bridge rectifier 50to1000 volts
DB101 CHENYI-DB101 Datasheet
50Kb / 2P
   1 Amp single phase glass passivated bridge rectifier 50to1000 volts
MB05M CHENYI-MB05M Datasheet
70Kb / 2P
   0.5Amp single phase glass passivated bridge retifier 50to1000 volts
GBJ8005 CHENYI-GBJ8005 Datasheet
58Kb / 2P
   8Amp glass passivated bridge rectifier 50to1000 volts
GBJ20005 CHENYI-GBJ20005 Datasheet
54Kb / 2P
   20Amp glass passivated bridge rectifier 50to1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com