Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8M Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # KBU8M
Description  8Amp single phase bridge rectifier 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

KBU8M Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  KBU8M Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech KBU8M Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cnelectr.com
KBU8A~KBU8M
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
25
50
100
125
150
0
0
2
4
6
Amps
°C
75
8
10
12
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
Amps
0.6
Figure 2
Typical Reverse Characteristics
Volts
µAmps
T
C=25
°C
0.1
1.0
10
100
0.8
1.0
1.2
0.01
0.1
1.0
10
80
0
120
40
T
C=25
°C
T
C=100
°C


Similar Part No. - KBU8M

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
KBU8M GENESIC-KBU8M Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
logo
Semtech Corporation
KBU8M SEMTECH-KBU8M Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
MIC GROUP RECTIFIERS
KBU8M MIC-KBU8M Datasheet
113Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Fairchild Semiconductor
KBU8M FAIRCHILD-KBU8M Datasheet
175Kb / 3P
   Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBU8M NJSEMI-KBU8M Datasheet
88Kb / 1P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - KBU8M

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GBJ8005 CHENYI-GBJ8005 Datasheet
58Kb / 2P
   8Amp glass passivated bridge rectifier 50to1000 volts
RS601 CHENYI-RS601 Datasheet
48Kb / 2P
   6Amp single phase bridge rectifier 50to1000 volts
RS201 CHENYI-RS201 Datasheet
81Kb / 2P
   2Amp single phase bridge rectifier 50to1000 volts
RS1001 CHENYI-RS1001 Datasheet
45Kb / 2P
   10Amp single phase bridge rectifier 50to1000 volts
RS401L CHENYI-RS401L Datasheet
57Kb / 2P
   4Amp single phase bridge rectifier 50to1000 volts
DB151 CHENYI-DB151 Datasheet
126Kb / 2P
   1.5 Amp single phase bridge rectifier 50to1000 volts
DB101 CHENYI-DB101 Datasheet
50Kb / 2P
   1 Amp single phase glass passivated bridge rectifier 50to1000 volts
MB05M CHENYI-MB05M Datasheet
70Kb / 2P
   0.5Amp single phase glass passivated bridge retifier 50to1000 volts
GBJ6005 CHENYI-GBJ6005 Datasheet
56Kb / 2P
   6Amp glass passivated bridge rectifier 50to1000 volts
GBJ20005 CHENYI-GBJ20005 Datasheet
54Kb / 2P
   20Amp glass passivated bridge rectifier 50to1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com