Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF22 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # SF22
Description  2.0Amp super fast rectifier 50to400 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

SF22 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  SF22 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech SF22 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech SF22 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Average Forward Rectified Current Per Leg - Amperes versus
Case Temperature -
°C
Figure 3
Forward Derating Curve
0
150
25
50
75
100
0
0.5
1.0
1.5
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
125
2.0
2.5
3.0
Instantaneous Reverse Current - uAmperes versus
Percent of Rated Peak Reverse Voltage - %
Figure 1
Typical Reverse Characteristics
1000
uAmps
20
40
60
80
100
120
1
10
100
Tj=100
°C
Volts
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 2
Typical Forward Characteristics
10
Amps
6
8
10
12
14
16
0.01
0.1
1
Volts
Tj=25°C
SF21-SF24
SF25 -SF26
www.cnelectr.com
SF21 thru SF26


Similar Part No. - SF22

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF22 MOSPEC-SF22 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
First Silicon Co., Ltd
SF22 FS-SF22 Datasheet
490Kb / 2P
   Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 2.0Amp
logo
Diotech Company.
SF22 DIOTECH-SF22 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Leshan Radio Company
SF22 LRC-SF22 Datasheet
55Kb / 2P
   SUPER FAST DIODES
logo
Shanghai Shunye Electro...
SF22 SHUNYE-SF22 Datasheet
233Kb / 2P
   SUPER FAST RECTIFIER
More results

Similar Description - SF22

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MUR805 CHENYI-MUR805 Datasheet
68Kb / 2P
   8Amp super fast glass passivated rectifier 50to400 volts
logo
SeCoS Halbleitertechnol...
SF21 SECOS-SF21 Datasheet
417Kb / 2P
   2.0AMP Super Fast Rectifiers
ES21B SECOS-ES21B Datasheet
331Kb / 2P
   2.0Amp Super Fast Recovery Rectifiers
ES21B SECOS-ES21B_15 Datasheet
331Kb / 2P
   2.0Amp Super Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
ES2MB LUGUANG-ES2MB Datasheet
1Mb / 2P
   2.0AMP Glass Passivated Super Fast Rectifiers
logo
Cystech Electonics Corp...
SF27G CYSTEKEC-SF27G Datasheet
241Kb / 3P
   2.0Amp. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
ES2MA LUGUANG-ES2MA Datasheet
1Mb / 2P
   2.0AMP Glass Passivated Super Fast Rectifiers
logo
Shanghai Lunsure Electr...
SF31 CHENYI-SF31 Datasheet
90Kb / 3P
   3.0Amp super fast rectifier 50to600 volts
logo
First Components Intern...
SFS21G FCI-SFS21G Datasheet
613Kb / 2P
   2.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com