Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF33 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # SF33
Description  3.0Amp super fast rectifier 50to600 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

SF33 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  SF33 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech SF33 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech SF33 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Average Forward Rectified Current Per Leg - Amperes versus
Case Temperature -
°C
Figure 3
Forward Derating Curve
0
150
25
50
75
100
0
0.5
1.0
1.5
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
125
2.0
2.5
3.0
Instantaneous Reverse Current - uAmperes versus
Percent of Rated Peak Reverse Voltage - %
Figure 1
Typical Reverse Characteristics
1000
uAmps
20
40
60
80
100
120
1
10
100
Tj=100°C
Volts
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 2
Typical Forward Characteristics
10
Amps
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
Volts
Tj=25°C
SF31-SF34
SF35 -SF36
www.cnelectr.com
SF31 thru SF38
SF38


Similar Part No. - SF33

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF33 MOSPEC-SF33 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF33 SAMYANG-SF33 Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
Diotech Company.
SF33 DIOTECH-SF33 Datasheet
678Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Leshan Radio Company
SF33 LRC-SF33 Datasheet
59Kb / 2P
   SUPER FAST DIODES
logo
Rugao Dachang Electroni...
SF33 DACHANG-SF33 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
More results

Similar Description - SF33

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MURH805CT CHENYI-MURH805CT Datasheet
400Kb / 2P
   8Amp super fast glass passivated rectifier 50to600 volts
MUR605CT CHENYI-MUR605CT Datasheet
344Kb / 2P
   6Amp super fast glass passivated rectifier 50to600 volts
MUR1505 CHENYI-MUR1505 Datasheet
195Kb / 2P
   15Amp super fast glass passivated rectifier 50to600 volts
MUR1605CT CHENYI-MUR1605CT Datasheet
613Kb / 2P
   16Amp super fast glass passivated rectifier 50to600 volts
MUR105GP CHENYI-MUR105GP Datasheet
58Kb / 3P
   1.0Amp glass passivated super fast recovery rectifier 50to600 volts
logo
SeCoS Halbleitertechnol...
SF31 SECOS-SF31 Datasheet
419Kb / 2P
   3.0AMP Super Fast Rectifiers
logo
Cystech Electonics Corp...
SF31G CYSTEKEC-SF31G Datasheet
263Kb / 3P
   3.0Amp. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
ES3MB LUGUANG-ES3MB Datasheet
1Mb / 2P
   3.0AMP Glass Passivated Super Fast Rectifiers
logo
Shanghai Lunsure Electr...
SF21 CHENYI-SF21 Datasheet
61Kb / 3P
   2.0Amp super fast rectifier 50to400 volts
logo
SeCoS Halbleitertechnol...
SUF301B SECOS-SUF301B Datasheet
219Kb / 2P
   3.0AMP Surface Mount Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com