Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR805 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # SR805
Description  8Amp schottky barrier rectifier 20-100 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

SR805 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  SR805 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech SR805 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR802
THRU
SR810
8 Amp Schottky
Barrier Rectifier
20 - 100 Volts
DO-201AD
Features
Low Switching Noise
Low Forward Voltage Drop
High Current Capability
High Surge Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
Maximum Ratings
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SR802
SR802
20V
14V
20V
SR803
SR803
30V
21V
30V
SR804
SR804
40V
28V
40V
SR805
SR805
50V
35V
50V
SR806
SR806
60V
42V
60V
SR808
SR808
80V
56V
80V
SR810
SR810
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8.0A
TA = 90
°C
Peak Forward Surge
Current
IFSM
175A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SR802-SR804
SR806
VF
.65V
.70V
IFM = 8.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
TJ= 25
°C
Typical Junction
Capacitance
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
D
D
Cathode
Mark
50mA
TJ = 100
oC
SR808-SR810
.85V
www.cnelectr.com
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 30
°C/W Junction To Lead
500pF
SR805-SR806
SR802-SR804
SR808-SR810
380pF
165pF
CJ
Measured at
1.0MHz, VR=4.0V
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - SR805

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR805 TSC-SR805 Datasheet
60Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SR805 TSC-SR805 Datasheet
163Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
SR805 EIC-SR805 Datasheet
93Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Taiwan Semiconductor Co...
SR805 TSC-SR805 Datasheet
567Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SR805 MCC-SR805 Datasheet
485Kb / 3P
   8 Amp Schottky Barrier Rectifier 20 - 100 Volts
More results

Similar Description - SR805

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MS820 CHENYI-MS820 Datasheet
56Kb / 3P
   8Amp schottky barrier rectifier 20to100 volts
logo
Micro Commercial Compon...
MBRD20100 MCC-MBRD20100 Datasheet
606Kb / 3P
   20 Amp Schottky Barrier Rectifier 100 Volts
logo
Kersemi Electronic Co.,...
MBRF20H100CTG KERSEMI-MBRF20H100CTG Datasheet
487Kb / 7P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 100 VOLTS
logo
Micro Commercial Compon...
MBR20100PS MCC-MBR20100PS Datasheet
331Kb / 2P
   20 Amp Schottky Barrier Rectifier 100 Volts
logo
Kersemi Electronic Co.,...
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
   20 Amp 20 to 100 Volts Barrier Rectifier Schottky
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com