Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP10G Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # EGP10G
Description  1.0Amp glass passivated high efficient rectifiers 50to800 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

EGP10G Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  EGP10G Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech EGP10G Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech EGP10G Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Average Forward Rectified Current - Amperes versus
Ambient Temperature -
OC
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
.2
.4
.6
Amps
OC
150
.8
1.0
1.2
Resistive or Inductive Load
0.375”(9.5mm) Lead Length
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical For ward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
OC
Volts
150
OC
EGP10A -EGP10D
EGP10F-EGP10K
Junction Capacitance - pF versus
Reverse Voltage - Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100 200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25
OC
EGP10A -EGP10D
EGP10F- EGP10K
EGP10A thru EGP10K
www.cnelectr.com


Similar Part No. - EGP10G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP10G ZOWIE-EGP10G Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Vishay Siliconix
EGP10G VISHAY-EGP10G Datasheet
76Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Fairchild Semiconductor
EGP10G FAIRCHILD-EGP10G Datasheet
36Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Rugao Dachang Electroni...
EGP10G DACHANG-EGP10G Datasheet
122Kb / 2P
   Plastic Ultra-Fast Recover Rectifiers Reverse Voltage 50 to 400V Forward Current 1.0A
logo
General Semiconductor
EGP10G GE-EGP10G Datasheet
71Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
More results

Similar Description - EGP10G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
EGP20A CHENYI-EGP20A Datasheet
59Kb / 3P
   2.0Amp glass passivated high efficient rectifiers 50to800 volts
EGP30A CHENYI-EGP30A Datasheet
59Kb / 3P
   3.0Amp glass passivated high efficient rectifiers 50to800 volts
logo
Shenzhen Luguang Electr...
HER101G LUGUANG-HER101G Datasheet
189Kb / 2P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
Chongqing Pingwei Enter...
HER101G CHONGQING-HER101G_16 Datasheet
193Kb / 1P
   1.0AMP. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_13 Datasheet
431Kb / 4P
   1.0AMP. Glass Passivated High Efficient Rectifiers
HDBL101G TSC-HDBL101G Datasheet
142Kb / 2P
   1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
logo
Shenzhen Luguang Electr...
UF4001 LUGUANG-UF4001 Datasheet
182Kb / 2P
   1.0AMP. Glass Passivated High Efficient Plastic Rectifiers
logo
Taiwan Semiconductor Co...
HDBLS101G TSC-HDBLS101G Datasheet
139Kb / 2P
   1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
logo
Shanghai Lunsure Electr...
HDB101G CHENYI-HDB101G Datasheet
64Kb / 2P
   1.0Amp glass passivated bridge high efficient rectifier 50to1000 volts
HER101S CHENYI-HER101S Datasheet
356Kb / 2P
   1.0Amp high efficient rectifiers 50to1000 volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com