Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A823LY-1R5M Datasheet(PDF) 1 Page - TOKO, Inc

Part # A823LY-1R5M
Description  Radial Type Fixed Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

A823LY-1R5M Datasheet(HTML) 1 Page - TOKO, Inc

  A823LY-1R5M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8RHT2
Inductance Range: 1.0~1000
μH
• Ideal as a choke coil for noise filtering and
DC-DC Convertor application.
• Tape and reel for automated Assembly.
• RoHS compliant.
• ノイズフィルタ用のチョークコイルや
DC-DC
コンバータ用インダクタに最適
• テーピング納入
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE 8RHT2
東光品番
インダクタンス
(1)
許容差
直流抵抗
(4)
最大許容電流
(2)
自己共振周波数
(3)(5)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(4)
(
Ω) Max.
Rated DC
Current
(2)
(A) Max.
Self-resonant
Frequency
(3) (5)
(MHz) Min.
#A823LY-1R0M=R
1.0
± 20
0.013
3.71
150
#A823LY-1R5M=R
1.5
± 20
0.016
3.32
130
#A823LY-2R2M=R
2.2
± 20
0.021
3.15
100
#A823LY-3R3M=R
3.3
± 20
0.025
2.66
79
#A823LY-4R7M=R
4.7
± 20
0.030
2.27
51
#A823LY-6R8M=R
6.8
± 20
0.035
2.10
29
#A823LY-100K=R
10.0
± 10
0.045
1.96
14
#A823LY-120K=R
12.0
± 10
0.050
1.82
13
#A823LY-150K=R
15.0
± 10
0.056
1.75
12
#A823LY-180K=R
18.0
± 10
0.061
1.54
11
#A823LY-220K=R
22.0
± 10
0.070
1.29
9.2
#A823LY-270K=R
27.0
± 10
0.080
1.22
8.5
#A823LY-330K=R
33.0
± 10
0.090
1.17
7.8
#A823LY-390K=R
39.0
± 10
0.10
1.14
6.9
#A823LY-470K=R
47.0
± 10
0.17
0.79
6.5
#A823LY-560K=R
56.0
± 10
0.20
0.76
5.4
#A823LY-680K=R
68.0
± 10
0.22
0.70
4.9
#A823LY-820K=R
82.0
± 10
0.25
0.67
4.1
#A823LY-101K=R
100.0
± 10
0.28
0.58
3.7
#A823LY-121K=R
120.0
± 10
0.32
0.56
3.4
#A823LY-151K=R
150.0
± 10
0.54
0.42
3.2
#A823LY-181K=R
180.0
± 10
0.60
0.40
2.8
#A823LY-221K=R
220.0
± 10
0.68
0.38
2.7
#A823LY-271K=R
270.0
± 10
0.80
0.35
2.4
#A823LY-331K=R
330.0
± 10
0.90
0.33
2.3
#A823LY-391K=R
390.0
± 10
1.20
0.28
2.1
#A823LY-471K=R
470.0
± 10
1.37
0.25
1.9
#A823LY-561K=R
560.0
± 10
1.53
0.23
1.8
#A823LY-681K=R
680.0
± 10
2.00
0.21
1.6
#A823LY-821K=R
820.0
± 10
2.70
0.18
1.5
#A823LY-102K=R
1000.0
± 10
2.96
0.16
1.3
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent. Test Frequency at 1.0kHz
(2) Rated DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by
20°C, whichever is smaller. (Reference ambient temperature
20°C)
(3) Self-resonant frequency is measured with a network analyzer
model 3577(HP), MS560J (Anritsu), or equivalent.
(4) DC resistance is measured with a digital multimeter TR6871
(Advantest) or equivalent.
(5) Self-resonant frequency is for reference only.
(1)
インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。測定周波数は1.0kHzです。
(2)
最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、コ
イルの温度が20℃上昇の何れか小さい値です。(周囲温度20℃を
基準とする。)
但し( ) 内の値は参考値として直流重畳特性による電流値です。
(3)
自己共振周波数はネットワークアナライザMS560J(Anritsu)また
は同等品により測定する。
(4)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(5)
自己共振周波数は、参考値です。
FEATURES
/特長
DIMENSIONS
/外形寸法図
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - A823LY-1R5M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8230SLM ALLEGRO-A8230SLM Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
A8231SLH ALLEGRO-A8231SLH Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
A8231SLM ALLEGRO-A8231SLM Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
A8232SLM ALLEGRO-A8232SLM Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
A8233SLH ALLEGRO-A8233SLH Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
More results

Similar Description - A823LY-1R5M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RB TOKO-8RB Datasheet
48Kb / 1P
   Radial Type Fixed Inductors
8RBS TOKO-8RBS Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RDB TOKO-8RDB Datasheet
59Kb / 1P
   Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
16RHBP TOKO-16RHBP Datasheet
69Kb / 1P
   Radial Type Fixed Inductors
8RHB2 TOKO-8RHB2 Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RYBL TOKO-8RYBL Datasheet
53Kb / 1P
   Radial Type Fixed Inductors
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
   Radial Type Fixed Inductors
10RB TOKO-10RB Datasheet
49Kb / 1P
   Radial Type Fixed Inductors
10RHT2 TOKO-10RHT2 Datasheet
98Kb / 2P
   Radial Type Fixed Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com