Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBD51RD8ABFA Datasheet(PDF) 9 Page - Elpida Memory

Part # EBD51RD8ABFA
Description  512MB Registered DDR SDRAM DIMM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD51RD8ABFA Datasheet(HTML) 9 Page - Elpida Memory

Back Button EBD51RD8ABFA Datasheet HTML 5Page - Elpida Memory EBD51RD8ABFA Datasheet HTML 6Page - Elpida Memory EBD51RD8ABFA Datasheet HTML 7Page - Elpida Memory EBD51RD8ABFA Datasheet HTML 8Page - Elpida Memory EBD51RD8ABFA Datasheet HTML 9Page - Elpida Memory EBD51RD8ABFA Datasheet HTML 10Page - Elpida Memory EBD51RD8ABFA Datasheet HTML 11Page - Elpida Memory EBD51RD8ABFA Datasheet HTML 12Page - Elpida Memory EBD51RD8ABFA Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
EBD51RD8ABFA
Preliminary Data Sheet E0376E10 (Ver. 1.0)
9
Differential Clock Net Wiring (CK0, /CK0)
120
240
(Typically two registers per DIMM)
0ns (nominal)
240
120
120
CK0
Notes: 1. The clock delay from the input of the PLL clock to the input of any SDRAM or register will
be set to 0 ns (nominal).
2. Input, output and feedback clock lines are terminated from line to line as shown, and not
from line to ground.
3. Only one PLL output is shown per output type. Any additional PLL outputs will be wired
in a similar manner.
4. Termination resistors for feedback path clocks are located after the pins of the PLL.
5. SDRAM clock pair inputs have a parallel capacitor equal to one-half nominal SDRAM
input clock load.
C
/CK0
SDRAM
Register1
Register2
PLL
Feedback
IN
OUT1
OUT'N'
Capacitance


Similar Part No. - EBD51RD8ABFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA-7A ELPIDA-EBD51RC4AAFA-7A Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA-7B ELPIDA-EBD51RC4AAFA-7B Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AKFA ELPIDA-EBD51RC4AKFA Datasheet
198Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
EBD51RC4AKFA-6B ELPIDA-EBD51RC4AKFA-6B Datasheet
198Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
More results

Similar Description - EBD51RD8ABFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
logo
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
   512MB DDR ??SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com