Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

181LY-682 Datasheet(PDF) 1 Page - TOKO, Inc

Part # 181LY-682
Description  Radial Type Fixed Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

181LY-682 Datasheet(HTML) 1 Page - TOKO, Inc

  181LY-682 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10RB
Inductance Range: 1.0~120mH
φ
10.5Max.
14.0Max. 4.0
φ
0.7
(Unit: mm)
• Magnetically shielded construction.
• Suitable for large current.
• RoHS compliant.
• 磁気シールド構造
• 大電流対応
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE 10RB
東光品番
(1)
インダクタンス
(2)
許容差
Q
(3)
直流抵抗
最大許容電流
(4)
自己共振周波数
(5)
TOKO
Part
Number
(1)
Inductance
(2)
(mH)
Tolerance
(%)
Q
(3)
Min.
DC
Resistance
(
Ω) Max.
Rated DC
Current
(4)
(mA) Max.
Self-resonant
Frequency
(5)
(MHz) Min.
#181LY-102( )
1.0
±5, ±10
70
3.4
55
0.77
#181LY-122( )
1.2
±5, ±10
70
3.7
52
0.70
#181LY-152( )
1.5
±5, ±10
70
4.0
47
0.64
#181LY-182( )
1.8
±5, ±10
70
4.5
44
0.57
#181LY-222( )
2.2
±5, ±10
70
5.2
41
0.51
#181LY-272( )
2.7
±5, ±10
70
5.8
37
0.48
#181LY-332( )
3.3
±5, ±10
100
6.1
33
0.44
#181LY-392( )
3.9
±5, ±10
100
7.2
30
0.41
#181LY-472( )
4.7
±5, ±10
100
7.5
28
0.38
#181LY-562( )
5.6
±5, ±10
100
8.4
25
0.35
#181LY-682( )
6.8
±5, ±10
100
9.7
23
0.32
#181LY-822( )
8.2
±5, ±10
100
10.4
21
0.28
#181LY-103( )
10.0
±5, ±10
100
12.1
18
0.25
#181LY-123( )
12.0
±5, ±10
100
13.0
17
0.22
#181LY-153( )
15.0
±5, ±10
100
15.0
15
0.22
#181LY-183( )
18.0
±5, ±10
100
17.0
13
0.19
#181LY-223( )
22.0
±5, ±10
100
19.5
11
0.19
#181LY-273( )
27.0
±5, ±10
100
22.0
10
0.16
#181LY-333( )
33.0
±5, ±10
100
26.0
9
0.16
#181LY-393( )
39.0
±5, ±10
100
45.0
8
0.12
#181LY-473( )
47.0
±5, ±10
100
52.0
8
0.12
#181LY-563( )
56.0
±5, ±10
100
58.0
7
0.12
#181LY-683( )
68.0
±5, ±10
100
67.0
6
0.09
#181LY-823( )
82.0
±5, ±10
100
71.0
5
0.09
#181LY-104( )
100.0
±5, ±10
100
82.0
5
0.09
#181LY-124( )
120.0
±5, ±10
100
97.0
5
0.08
(1) Add the tolerance code of Inductance to within the ( ) of the Part
Number as follows: J=
± 5%, K= ± 10%
(2) L measured at 1kHz with a universal bridge or equivalent.
(3) Q measured at 50kHz with a Q meter YHP-4343B or equivalent.
(4) Rated DC current is that at which the inductance value decreases
by 10% by the excitation with DC current, measured at 1kHz with
a universal bridge of equivalent.
(5) Self-resonant frequency is for reference only.
(1) ( )
内はインダクタンスの許容差を表しておりますので、ご指定く
ださい。J=
±5%、K=±10%です。
(2)
インダクタンスはユニバーサルブリッジまたは同等品で測定する
(測定周波数は1.0kHzです)。
(3) Q
はQメーターYHP-4343Bまたは相当品で測定する(測定周波数
は50kHzです)。
(4)
最大許容電流は、ユニバーサルブリッジまたは同等品を使用、
1kHz
で測定したインダクタンス値が印加直流電流によって10%
減少する時の値です。
(5)
自己共振周波数は、参考値です。
FEATURES
/特長
DIMENSIONS
/外形寸法図
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - 181LY-682

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
181LY-682J TOKO-181LY-682J Datasheet
260Kb / 2P
   Magnetically shielded construction
181LY-682K TOKO-181LY-682K Datasheet
260Kb / 2P
   Magnetically shielded construction
More results

Similar Description - 181LY-682

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RB TOKO-8RB Datasheet
48Kb / 1P
   Radial Type Fixed Inductors
8RBS TOKO-8RBS Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RDB TOKO-8RDB Datasheet
59Kb / 1P
   Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
16RHBP TOKO-16RHBP Datasheet
69Kb / 1P
   Radial Type Fixed Inductors
8RHB2 TOKO-8RHB2 Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RYBL TOKO-8RYBL Datasheet
53Kb / 1P
   Radial Type Fixed Inductors
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
   Radial Type Fixed Inductors
8RHT2 TOKO-8RHT2 Datasheet
63Kb / 1P
   Radial Type Fixed Inductors
10RHT2 TOKO-10RHT2 Datasheet
98Kb / 2P
   Radial Type Fixed Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com