Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7018LYF-470K Datasheet(PDF) 1 Page - TOKO, Inc

Part # 7018LYF-470K
Description  Radial Type Fixed Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

7018LYF-470K Datasheet(HTML) 1 Page - TOKO, Inc

  7018LYF-470K Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8RYBL
Inductance Range: 1.2~1000
μH
with shield case
(Unit: mm)
• Ideal as a choke coil for noise
filtering and DC-DC Convertor
application.
• RoHS compliant.
• ノイズフィルタやDC-DCコンバ
ータ用インダクタに最適です
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE 8RYBL
東光品番
インダクタンス
(1)
許容差
直流抵抗
(3)
最大許容電流
(2)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(3)
(
Ω) Max.
Rated
DC Current
(2)
(A) Max.
7018LYF-1R2M
1.2
± 20
0.020
3.3
7018LYF-1R8M
1.8
± 20
0.022
2.7
7018LYF-2R2M
2.2
± 20
0.024
2.4
7018LYF-3R0M
3.0
± 20
0.028
2.1
7018LYF-4R7M
4.7
± 20
0.035
2.0
7018LYF-6R8M
6.8
± 20
0.04
1.7
7018LYF-100K
10.0
± 10
0.07
1.4
7018LYF-120K
12.0
± 10
0.08
1.1
7018LYF-150K
15.0
± 10
0.09
1.0
7018LYF-180K
18.0
± 10
0.10
0.96
7018LYF-220K
22.0
± 10
0.11
0.90
7018LYF-270K
27.0
± 10
0.13
0.82
7018LYF-330K
33.0
± 10
0.15
0.78
7018LYF-390K
39.0
± 10
0.17
0.76
7018LYF-470K
47.0
± 10
0.25
0.70
7018LYF-560K
56.0
± 10
0.29
0.60
7018LYF-680K
68.0
± 10
0.32
0.54
7018LYF-820K
80.0
± 10
0.37
0.52
7018LYF-101K
100.0
± 10
0.43
0.51
7018LYF-121K
120.0
± 10
0.49
0.47
7018LYF-151K
150.0
± 10
0.66
0.39
7018LYF-181K
180.0
± 10
0.76
0.37
7018LYF-221K
220.0
± 10
1.0
0.31
7018LYF-271K
270.0
± 10
1.2
0.29
7018LYF-331K
330.0
± 10
1.5
0.25
7018LYF-391K
390.0
± 10
1.7
0.23
7018LYF-471K
470.0
± 10
1.9
0.20
7018LYF-561K
560.0
± 10
2.6
0.18
7018LYF-681K
680.0
± 10
3.0
0.17
7018LYF-821K
820.0
± 10
3.2
0.15
7018LYF-102K
1000.0
± 10
3.5
0.14
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 1.0kHz.
(2) Rated DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by
40°C, whichever is smaller. (Reference ambient temperature
20°C)
(3) DC resistance is measured with a digital multimeter TR6871
(Advantest) or equivalent.
(1)
インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は1.0kHzです。
(2)
最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、コ
イルの温度が40℃上昇の何れか小さい値です。(周囲温度20℃を
基準とする。)
(3)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
FEATURES
/特長
DIMENSIONS
/外形寸法図
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - 7018LYF-470K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7018 BOURNS-7018 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
7018-RC BOURNS-7018-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
logo
List of Unclassifed Man...
701800-Color-2 ETC2-701800-Color-2 Datasheet
344Kb / 2P
   Neon-inspired tubing
701800-Color-4 ETC2-701800-Color-4 Datasheet
344Kb / 2P
   Neon-inspired tubing
701800-Color-6 ETC2-701800-Color-6 Datasheet
344Kb / 2P
   Neon-inspired tubing
More results

Similar Description - 7018LYF-470K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RB TOKO-8RB Datasheet
48Kb / 1P
   Radial Type Fixed Inductors
8RBS TOKO-8RBS Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RDB TOKO-8RDB Datasheet
59Kb / 1P
   Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
16RHBP TOKO-16RHBP Datasheet
69Kb / 1P
   Radial Type Fixed Inductors
8RHB2 TOKO-8RHB2 Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
   Radial Type Fixed Inductors
8RHT2 TOKO-8RHT2 Datasheet
63Kb / 1P
   Radial Type Fixed Inductors
10RB TOKO-10RB Datasheet
49Kb / 1P
   Radial Type Fixed Inductors
10RHT2 TOKO-10RHT2 Datasheet
98Kb / 2P
   Radial Type Fixed Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com