Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2XA-390K Datasheet(PDF) 1 Page - TOKO, Inc

Part # C2XA-390K
Description  Radial Type Fixed Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

C2XA-390K Datasheet(HTML) 1 Page - TOKO, Inc

  C2XA-390K Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C2XA
Inductance Range: 10~8200
μH
(Unit: mm)
• Ideal as a choke coil for noise filtering and
DC-DC Convertor application.
• RoHS compliant.
• ノイズフィルタやDC-DCコンバータ用イ
ンダクタに最適
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE C2XA
東光品番
インダクタンス
(1)
許容差
直流抵抗
(3)
最大許容電流
(2)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(3)
(m
Ω) Max.
Rated
DC Current
(2)
(A) Max.
#C2XA-100M
10
±20
19.2
5.5
#C2XA-120M
12
± 20
22.7
5.3
#C2XA-150M
15
± 20
25.6
4.8
#C2XA-180M
18
± 20
27.1
4.5
#C2XA-220M
22
± 20
30.4
4.4
#C2XA-270M
27
± 20
35.6
4.0
#C2XA-330K
33
± 10
46.4
3.61
#C2XA-390K
39
± 10
48.2
3.5
#C2XA-470K
47
± 10
54.5
3.3
#C2XA-560K
56
± 10
69.4
2.8
#C2XA-680K
68
± 10
79.2
2.8
#C2XA-820K
82
± 10
99.2
2.2
#C2XA-101K
100
± 10
110
2.2
#C2XA-121K
120
± 10
130
2.2
#C2XA-151K
150
± 10
130
2.2
#C2XA-181K
180
± 10
180
1.7
#C2XA-221K
220
± 10
200
1.55
#C2XA-271K
270
± 10
250
1.45
#C2XA-331K
330
± 10
290
1.40
#C2XA-391K
390
± 10
320
1.30
#C2XA-471K
470
± 10
440
1.05
#C2XA-561K
560
± 10
500
1.00
#C2XA-681K
680
± 10
620
0.87
#C2XA-821K
820
± 10
680
0.78
#C2XA-102K
1000
± 10
850
0.70
#C2XA-122K
1200
± 10
1100
0.65
#C2XA-152K
1500
± 10
1200
0.58
#C2XA-182K
1800
± 10
1700
0.47
#C2XA-222K
2200
± 10
1900
0.44
#C2XA-272K
2700
± 10
2400
0.39
#C2XA-332K
3300
± 10
2700
0.38
#C2XA-392K
3900
± 10
3400
0.33
#C2XA-472K
4700
± 10
3700
0.32
#C2XA-562K
5600
± 10
5100
0.26
#C2XA-682K
6800
± 10
5700
0.26
#C2XA-822K
8200
± 10
7800
0.23
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 1.0kHz.
(2) Rated DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by
40°C, whichever is smaller. (Reference ambient temperature
25°C)
(3) DC resistance is measured with a digital multimeter TR6871
(Advantest) or equivalent.
(1)
インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は1.0kHzです。
(2)
最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、コ
イルの温度が40℃上昇の何れか小さい値です。(周囲温度25℃を
基準とする。)
(3)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
FEATURES
/特長
DIMENSIONS
/外形寸法図
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - C2XA-390K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
C2X TOKO-C2X Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
C2X-A100K TOKO-C2X-A100K Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
C2X-A101K TOKO-C2X-A101K Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
C2X-A102K TOKO-C2X-A102K Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
C2X-A120K TOKO-C2X-A120K Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
More results

Similar Description - C2XA-390K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RB TOKO-8RB Datasheet
48Kb / 1P
   Radial Type Fixed Inductors
8RBS TOKO-8RBS Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RDB TOKO-8RDB Datasheet
59Kb / 1P
   Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
16RHBP TOKO-16RHBP Datasheet
69Kb / 1P
   Radial Type Fixed Inductors
8RHB2 TOKO-8RHB2 Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RYBL TOKO-8RYBL Datasheet
53Kb / 1P
   Radial Type Fixed Inductors
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
   Radial Type Fixed Inductors
8RHT2 TOKO-8RHT2 Datasheet
63Kb / 1P
   Radial Type Fixed Inductors
10RB TOKO-10RB Datasheet
49Kb / 1P
   Radial Type Fixed Inductors
10RHT2 TOKO-10RHT2 Datasheet
98Kb / 2P
   Radial Type Fixed Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com