Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2439-6 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2439-6
Description  Single Insulated Miniature Binding Post
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2439-6 Datasheet(HTML) 1 Page - Pomona Electronics

  2439-6 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02 (,51 mm), .xxx = ± .005 (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 2382 & 2439
Single Insulated Miniature
Binding Post
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For Where to Buy information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 101
D1093913, D1093849
Page 1 of 1
FEATURES:
Gold or Tin Plated
Panel Thickness .07 (1,78mm) to .170 (4,32mm)
Accepts miniature banana plug, wire or spade lug..
Hardware Included
MATERIALS:
Insulated Captive Thumb Nut;
Model: 2382, Gold Flash Brass;
Model 2439, Tin Plated Brass
Binding Post Body:
Model: 2382, Gold Plated Brass
Model: 2439, Tin Plated Brass
Solder Turret Terminal:
Gold Flash; 2439 - Tin
Model: 2382, Gold Flash Brass
Model 2439, Tin Plating Brass
Thumb Nut, Mounting Base and Insulator:
Polycarbonate.
Lock washer: Nickel Plated Steel
Hex Nut 1.4
#8-32: Nickel Plated Brass
RATINGS:
Operating Voltage: Hands free usage in controlled voltage
environments: 1500 Vrms maximum.
For CE compliance: not intended for
hand-held use at voltages above 33
Vrms/70 Vdc.
Current: 5 Amperes
Operating Temperature: +115°C (+239°F) Max.
ORDERING INFORMATION:
Model 2382-Color (Gold)
Color = 0 (Black), 2 (Red), 3 (Orange), 5 (Green), 6 (Blue),
9 (White)
Model 2439-Color (Tin)
Color = 0 (Black), 1 (Brown), 2 (Red), 3 (Orange),
5 (Green), 6 (Blue), 9 (White)


Similar Part No. - 2439-6

ManufacturerPart #DatasheetDescription
logo
Heyco.
2439 HEYCO-2439 Datasheet
141Kb / 1P
   Glossy and Thick Panel Glossy Plugs
logo
List of Unclassifed Man...
24390 ETC2-24390 Datasheet
355Kb / 1P
   METRIC STANDOFFS AND SPACERS
24390 ETC2-24390 Datasheet
89Kb / 1P
   METRIC STANDOFFS AND SPACERS
24391 ETC2-24391 Datasheet
355Kb / 1P
   METRIC STANDOFFS AND SPACERS
24391 ETC2-24391 Datasheet
89Kb / 1P
   METRIC STANDOFFS AND SPACERS
More results

Similar Description - 2439-6

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDK-952AJ WINCHESTER-SDK-952AJ Datasheet
36Kb / 1P
   BINDING POST
SDK-952D WINCHESTER-SDK-952D Datasheet
48Kb / 1P
   POST, BINDING
logo
3M Electronics
3770-0 3M-3770-0 Datasheet
72Kb / 1P
   Standard Binding Post
logo
List of Unclassifed Man...
BU-P3750-0 ETC2-BU-P3750-0 Datasheet
200Kb / 1P
   Standard Binding Post
logo
SparkFun Electronics
PRT-09740 SPARKFUN-PRT-09740 Datasheet
112Kb / 2P
   Binding Post - Black
7????7
logo
Pomona Electronics
2894 POMONA-2894 Datasheet
24Kb / 1P
   Binding Post To Single Banana Plug
4619 POMONA-4619 Datasheet
28Kb / 1P
   Mounting Base Double Banana Jack & Binding Post, Miniature
2383 POMONA-2383 Datasheet
33Kb / 1P
   Miniature Insulating Binding Post With Double Mounting Base
logo
List of Unclassifed Man...
BU-P3770-0 ETC2-BU-P3770-0 Datasheet
199Kb / 1P
   Standard Binding Post
SPC15219 ETC2-SPC15219 Datasheet
229Kb / 1P
   Metal Binding Post
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com