Electronic Components Datasheet Search |
|
DH63LCB Datasheet(PDF) 1 Page - TOKO, Inc |
|
DH63LCB Datasheet(HTML) 1 Page - TOKO, Inc |
|
1 / 1 page DH63LCB Inductance Range: 1.2~150 μH (Unit: mm) 4.6 6.6 (Unit: mm) • High reliability for vehicle application. • Operating temperature range : –55°C~+125°C • Low profile (6.2 × 6.3mm Max. square, 3.0mm Max. height). • Magnetically shielded construction and low DC resistance. • Suitable for large currents. • Ideal for a variety of DC-DC converter inductor applications. • RoHS compliant. • 車載機器向け信頼性向上品 • 使用温度範囲:–55°C∼+125°C • 小型薄形構造(6.2 × 6.3mm角Max. 高さ3.0mm Max.) • 閉磁路構造、低直流抵抗 • 大電流対応 • 各種機器のDC-DCコンバータ用インダクタに最適 • RoHS指令対応 SELECTION GUIDE FOR STANDARD COILS TYPE DH63LCB (With Ferrite Shield) 閉磁路タイプ(リングコア有り) (Quantity/reel; 1,500 PCS) 東光品番 インダクタンス (1) 許容差 直流抵抗 (2) 直流重畳許容電流 (3) 温度上昇許容電流 (3) TOKO Part Number Inductance (1) L ( μH) Tolerance (%) DC Resistance (2) (m Ω) Max. Inductance Decrease Current (3) (A) Max. =30% Temperature Rise Current (3) ΔT=20°C (A) Max. A1006AYW-1R2M 1.2 ± 20 20 2.40 3.20 A1006AYW-2R4M 2.4 ± 20 24 1.90 2.70 A1006AYW-3R0M 3.0 ± 20 28 1.60 2.40 A1006AYW-4R7M 4.7 ± 20 37 1.30 2.00 A1006AYW-7R5M 7.5 ± 20 51 1.00 1.70 A1006AYW-100M 10.0 ± 20 71 0.88 1.30 A1006AYW-150M 15.0 ± 20 105 0.69 1.10 A1006AYW-220M 22.0 ± 20 145 0.57 0.90 A1006AYW-330M 33.0 ± 20 220 0.47 0.70 A1006AYW-470M 47.0 ± 20 340 0.39 0.57 A1006AYW-680M 68.0 ± 20 460 0.32 0.46 A1006AYW-101M 100.0 ± 20 640 0.27 0.38 A1006AYW-151M 150.0 ± 20 1070 0.21 0.29 (1) Inductance is measured with a LCR meter 4284A (Agilent Technologies) or equivalent. Test frequency at 100kHz (2) DC Resistance is measured with a Digital Multimeter TR6871 (Advantest) or equivalent. (3) Maximum allowable DC current is that which inductance decrease current, or temperature rise current, whichever is smaller. ・ Inductance decrease current : The inductance value decreases 30% by the excitation of DC current. (reference ambient temperature 125°C) ・ Temperature rise current : The temperature rises 20°C by excitation of DC current. (reference ambient temperature 20°C) (1) インダクタンスはLCRメータ4284A(Agilent Technologies)または 同等品により測定する。 測定周波数は100kHzです。 (2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等 品により測定する。 (3) 最大許容電流:直流重畳許容電流値と温度上昇許容電流値の何れ か小さい値です。 ・ 直流重畳許容電流:直流重畳特性においてインダクタンス値が 30% 低下した時の電流値。(周囲温度125 °C) ・ 温度上昇許容電流:直流を流した時の巻線温度上昇が20 °Cに達 する電流値。(周囲温度20 °C) ΔL L Recommended patterns 推奨パターン図 FEATURES /特長 DIMENSIONS /外形寸法図 High Reliability Fixed Inductors for Surface Mounting 高信頼性面実装 づけ 固定インダクタ |
Similar Part No. - DH63LCB |
|
Similar Description - DH63LCB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |