Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1094AS-150M Datasheet(PDF) 1 Page - TOKO, Inc

Part # 1094AS-150M
Description  Fixed Inductors for Cellular Phone
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1094AS-150M Datasheet(HTML) 1 Page - TOKO, Inc

  1094AS-150M Datasheet HTML 1Page - TOKO, Inc 1094AS-150M Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DE3512C/DE3518C
Inductance Range: 0.68~22
μH (DE3512C), 0.56~22μH (DE3518C)
(Unit: mm)
(Unit: mm)
*DE3512C: 1.2mm Max.
DE3518C: 1.8mm Max.
• Low profile (3.5 × 3.7mm square, 1.2 and 1.8mm Max.
height).
• Magnetically shielded construction and low DC resistance.
• Ideal for a variety of DC-DC converter inductor applications.
(DVC,DSC,Cellular phone,PDA)
• RoHS compliant.
• 小型薄形構造(3.5 × 3.7mm角, 高さ1.2および1.8mm Max.)
• 閉磁路構造、低直流抵抗
• 各種機器のDC-DCコンバータ用インダクタに最適
(DVC,DSC,Cellular phone,PDA)
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE DE3512C (Magnetically Shielded)
閉磁路タイプ(Quantity/reel; 2,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
ΔT=40°C
(A) Max. (Typ.)
1094AS-R68N
0.68
± 30
36 (30)
2.10 (2.80)
2.70 (3.20)
1094AS-1R0N
1.0
± 30
46 (38)
1.80 (2.40)
2.40 (2.90)
1094AS-1R5N
1.5
± 30
54 (45)
1.50 (2.00)
2.20 (2.60)
1094AS-2R0M
2.0
± 20
64 (53)
1.30 (1.80)
2.00 (2.40)
1094AS-2R7M
2.7
± 20
72 (60)
1.20 (1.60)
1.90 (2.20)
1094AS-3R3M
3.3
± 20
78 (65)
1.00 (1.40)
1.80 (2.10)
1094AS-4R7M
4.7
± 20
100 (83)
0.85 (1.20)
1.60 (1.90)
1094AS-6R8M
6.8
± 20
138 (115)
0.69 (0.93)
1.30 (1.60)
1094AS-100M
10.0
± 20
216 (180)
0.57 (0.76)
1.00 (1.20)
1094AS-120M
12.0
± 20
276 (230)
0.52 (0.69)
0.89 (1.00)
1094AS-150M
15.0
± 20
354 (295)
0.47 (0.62)
0.75 (0.88)
1094AS-220M
22.0
± 20
468 (390)
0.37 (0.50)
0.65 (0.77)
continued on next page
次頁へ続く
FEATURES
/特長
ΔL
L
Recommended patterns
推奨パターン図
DIMENSIONS
/外形寸法図
Fixed Inductors for Cellular Phone
携帯電話用面実装
づけ
固定インダクタ


Similar Part No. - 1094AS-150M

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1094A BELDEN-1094A Datasheet
161Kb / 2P
   Inst, 8 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
1094A-0105000 BELDEN-1094A-0105000 Datasheet
161Kb / 2P
   Inst, 8 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
More results

Similar Description - 1094AS-150M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D310F TOKO-D310F Datasheet
102Kb / 1P
   Fixed Inductors for Cellular Phone
DJ515C TOKO-DJ515C Datasheet
99Kb / 1P
   Fixed Inductors for Cellular Phone
D412F TOKO-D412F Datasheet
101Kb / 1P
   Fixed Inductors for Cellular Phone
D3313FB TOKO-D3313FB Datasheet
98Kb / 1P
   Fixed Inductors for Cellular Phone
D312C TOKO-D312C Datasheet
99Kb / 1P
   Fixed Inductors for Cellular Phone
D312F TOKO-D312F Datasheet
102Kb / 1P
   Fixed Inductors for Cellular Phone
D412C TOKO-D412C Datasheet
99Kb / 1P
   Fixed Inductors for Cellular Phone
D31FB TOKO-D31FB Datasheet
101Kb / 1P
   Fixed Inductors for Cellular Phone
logo
Rohm
BU8899GU ROHM-BU8899GU Datasheet
388Kb / 6P
   Sound Generator for cellular phone
logo
RICOH electronics devic...
R5310L RICOH-R5310L Datasheet
270Kb / 34P
   Multi LDOs for Cellular-phone
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com