Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A830LYF-820K Datasheet(PDF) 2 Page - TOKO, Inc

Part # A830LYF-820K
Description  Radial Type Fixed Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

A830LYF-820K Datasheet(HTML) 2 Page - TOKO, Inc

  A830LYF-820K Datasheet HTML 1Page - TOKO, Inc A830LYF-820K Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
前頁より続く
TYPE 10RHT2 Covered with Heat Shrunk Cover
熱収縮チューブカバー付
東光品番
インダクタンス
(1)
許容差
直流抵抗
(4)
最大許容電流
(2)
自己共振周波数
(3)(5)
TOKO
Part
Number
Inductance
(1)
L (
μH)
Tolerance
(%)
DC
Resistance
(4)
(
Ω) Max.
Rated DC
Current
(2)
(A) Max.
Self-resonant
Frequency
(3) (5)
(MHz) Min.
#A830LY-122K=R
1200
± 10
1.80
0.28
0.83
#A830LY-152K=R
1500
± 10
2.10
0.27
0.77
#A830LY-182K=R
1800
± 10
2.30
0.24
0.71
#A830LY-222K=R
2200
± 10
2.60
0.24
0.66
#A830LY-272K=R
2700
± 10
3.35
0.19
0.61
#A830LY-332K=R
3300
± 10
4.00
0.18
0.52
#A830LY-392K=R
3900
± 10
4.50
0.16
0.48
TYPE 10RHT2 without Cover
カバー無し
東光品番
インダクタンス
(1)
許容差
直流抵抗
(4)
最大許容電流
(2)
自己共振周波数
(3)(5)
TOKO
Part
Number
Inductance
(1)
L (
μH)
Tolerance
(%)
DC
Resistance
(4)
(
Ω) Max.
Rated DC
Current
(2)
(A) Max.
Self-resonant
Frequency
(3) (5)
(MHz) Min.
#A830LYF-100K=R
10
± 10
0.052
2.20
44
#A830LYF-120K=R
12
± 10
0.059
2.00
33
#A830LYF-150K=R
15
± 10
0.065
1.93
25
#A830LYF-180K=R
18
± 10
0.071
1.77
16
#A830LYF-220K=R
22
± 10
0.076
1.72
12
#A830LYF-270K=R
27
± 10
0.082
1.56
8.3
#A830LYF-330K=R
33
± 10
0.086
1.49
5.9
#A830LYF-390K=R
39
± 10
0.095
1.40
4.9
#A830LYF-470K=R
47
± 10
0.11
1.29
4.1
#A830LYF-560K=R
56
± 10
0.12
1.25
4.0
#A830LYF-680K=R
68
± 10
0.13
1.24
3.9
#A830LYF-820K=R
82
± 10
0.14
1.04
3.6
#A830LYF-101K=R
100
± 10
0.18
1.02
2.8
#A830LYF-121K=R
120
± 10
0.19
0.94
2.6
#A830LYF-151K=R
150
± 10
0.22
0.92
2.2
#A830LYF-181K=R
180
± 10
0.25
0.85
2.1
#A830LYF-221K=R
220
± 10
0.28
0.82
1.9
#A830LYF-271K=R
270
± 10
0.46
0.60
1.6
#A830LYF-331K=R
330
± 10
0.50
0.56
1.5
#A830LYF-391K=R
390
± 10
0.56
0.52
1.4
#A830LYF-471K=R
470
± 10
0.62
0.48
1.3
#A830LYF-561K=R
560
± 10
0.69
0.45
1.2
#A830LYF-681K=R
680
± 10
0.79
0.44
1.1
#A830LYF-821K=R
820
± 10
0.86
0.40
1.0
#A830LYF-102K=R
1000
± 10
1.60
0.31
0.87
#A830LYF-122K=R
1200
± 10
1.80
0.28
0.83
#A830LYF-152K=R
1500
± 10
2.10
0.27
0.77
#A830LYF-182K=R
1800
± 10
2.30
0.24
0.71
#A830LYF-222K=R
2200
± 10
2.60
0.24
0.66
#A830LYF-272K=R
2700
± 10
3.35
0.19
0.61
#A830LYF-332K=R
3300
± 10
4.00
0.18
0.52
#A830LYF-392K=R
3900
± 10
4.50
0.16
0.48
(1) Inductance is measured with a LCR meter 4284A(Agilent
Technologies) or equivalent. Test frequency at 1.0kHz.
(2) Rated DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by
20°C, whichever is smaller. (Reference ambient temperature
20°C)
(3) Self-resonant frequency is measured with a network analyzer
model MS560J (Anritsu) or equivalent.
(4) DC resistance is measured with a digital multimeter TR6871
(Advantest) or equivalent.
(5) Self-resonant frequency is for reference only.
(1)
インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品で測定する。測定周波数は1.0kHzです。
(2)
最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、コ
イルの温度が20℃上昇の何れか小さい値です。(周囲温度20℃を
基準とする。)
但し( )内の値は参考値として直流重畳特性による電流値です。
(3)
自己共振周波数はネットワークアナライザMS560J (Anritsu)また
は同等品により測定する。
(4)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(5)
自己共振周波数は、参考値です。
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - A830LYF-820K

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8302 ALLEGRO-A8302 Datasheet
1Mb / 45P
   Dual LNB Supply and Control Voltage Regulators
A8302SETTR-T2 ALLEGRO-A8302SETTR-T2 Datasheet
1Mb / 45P
   Dual LNB Supply and Control Voltage Regulators
A8303 ALLEGRO-A8303 Datasheet
2Mb / 30P
   Single LNB Supply and Control Voltage Regulator
A8303-1 ALLEGRO-A8303-1 Datasheet
2Mb / 30P
   Single LNB Supply and Control Voltage Regulator
A8303SESTR-T ALLEGRO-A8303SESTR-T Datasheet
2Mb / 30P
   Single LNB Supply and Control Voltage Regulator
More results

Similar Description - A830LYF-820K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RB TOKO-8RB Datasheet
48Kb / 1P
   Radial Type Fixed Inductors
8RBS TOKO-8RBS Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RDB TOKO-8RDB Datasheet
59Kb / 1P
   Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
16RHBP TOKO-16RHBP Datasheet
69Kb / 1P
   Radial Type Fixed Inductors
8RHB2 TOKO-8RHB2 Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RYBL TOKO-8RYBL Datasheet
53Kb / 1P
   Radial Type Fixed Inductors
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
   Radial Type Fixed Inductors
8RHT2 TOKO-8RHT2 Datasheet
63Kb / 1P
   Radial Type Fixed Inductors
10RB TOKO-10RB Datasheet
49Kb / 1P
   Radial Type Fixed Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com