Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1098AS-1R5N Datasheet(PDF) 1 Page - TOKO, Inc

Part # 1098AS-1R5N
Description  Fixed Inductors for Surface Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1098AS-1R5N Datasheet(HTML) 1 Page - TOKO, Inc

  1098AS-1R5N Datasheet HTML 1Page - TOKO, Inc 1098AS-1R5N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DE2810C/DE2812C/DE2815C/DE2818C
Inductance Range: 1.2~12
μH (DE2810C), 0.56~12μH (DE2812C), 0.47~12μH (DE2815C), 0.47~12μH (DE2818C)
3.0 Max.
1.0
(Unit: mm)
1.8
0.9
0.9
(Unit: mm)
*DE2810C: 1.0mm Max.
DE2812C: 1.2mm Max.
DE2815C: 1.5mm Max.
DE2818C: 1.8mm Max.
• Low profile (2.8 × 3.0mm square, 1.0/1.2/1.5/1.8mm
Max.height).
• Magnetically shielded construction and low DC resistance.
• Ideal for a variety of DC-DC converter inductor
applications.(DVC,DSC,Cellular phone,PDA)
• RoHS compliant
• 小型薄形構造(2.8 × 3.0mm角 高さ1.0/1.2/1.5/1.8mm
Max.)
• 閉磁路構造、低直流抵抗
• 各種機器のDC-DCコンバータ用インダクタに最適
(DVC,DSC,Cellular phone,PDA)
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE DE2810C (Magnetically Shielded)
閉磁路タイプ,(Quantity/reel; 2,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
ΔT=40°C
(A) Max. (Typ.)
1117AS-R56N
0.56
± 30
42 (35)
1.80 (2.40)
2.30 (2.70)
1117AS-1R2N
1.2
± 30
66 (55)
1.25 (1.70)
1.80 (2.10)
1117AS-1R5N
1.5
± 30
72 (60)
1.10 (1.50)
1.70 (2.00)
1117AS-2R2M
2.2
± 20
102 (85)
0.96 (1.30)
1.40 (1.60)
1117AS-2R7M
2.7
± 20
114 (95)
0.87 (1.15)
1.30 (1.50)
1117AS-3R3M
3.3
± 20
156 (130)
0.80 (1.05)
1.10 (1.30)
1117AS-4R7M
4.7
± 20
216 (180)
0.64 (0.86)
0.92 (1.10)
1117AS-6R8M
6.8
± 20
300 (250)
0.54 (0.73)
0.76 (0.90)
1117AS-100M
10.0
± 20
456 (380)
0.45 (0.60)
0.60 (0.71)
1117AS-120M
12.0
± 20
540 (450)
0.40 (0.54)
0.55 (0.65)
TYPE DE2812C (Magnetically Shielded)
閉磁路タイプ,(Quantity/reel; 2,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
ΔT=40°C
(A) Max. (Typ.)
1098AS-R56N
0.56
± 30
39 (32)
2.30 (3.00)
3.00 (3.70)
1098AS-1R2N
1.2
± 30
53 (44)
1.80 (2.40)
2.40 (2.90)
1098AS-1R5N
1.5
± 30
60 (50)
1.50 (2.10)
2.20 (2.60)
1098AS-2R0M
2.0
± 20
81 (67)
1.40 (1.80)
1.90 (2.30)
1098AS-2R2M
2.2
± 20
81 (67)
1.20 (1.60)
1.90 (2.30)
1098AS-2R7M
2.7
± 20
87 (72)
1.20 (1.60)
1.80 (2.20)
1098AS-3R3M
3.3
± 20
120 (100)
1.00 (1.40)
1.50 (1.70)
1098AS-4R7M
4.7
± 20
155 (130)
0.88 (1.20)
1.30 (1.50)
1098AS-6R8M
6.8
± 20
240 (200)
0.72 (0.96)
0.98 (1.10)
1098AS-100M
10.0
± 20
350 (290)
0.58 (0.77)
0.78 (0.92)
1098AS-120M
12.0
± 20
410 (340)
0.55 (0.73)
0.70 (0.82)
continued on next page
次項へ続く
ΔL
L
ΔL
L
Recommended patterns
推奨パターン図
FEATURES
/特長
DIMENSIONS
/外形寸法図
Fixed Inductors for Surface Mounting
実装
づけ
用固定インダクタ


Similar Part No. - 1098AS-1R5N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1098AS-1R5N TOKO-1098AS-1R5N Datasheet
139Kb / 1P
   Fixed Inductors for Surface Mounting
More results

Similar Description - 1098AS-1R5N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
   Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
   Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
   Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
   Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
   Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com