Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1032AY-331K Datasheet(PDF) 1 Page - TOKO, Inc

Part # A1032AY-331K
Description  High Reliability Fixed Inductors for Surface Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

A1032AY-331K Datasheet(HTML) 1 Page - TOKO, Inc

  A1032AY-331K Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DH10F
Inductance Range: 1.5~2.2mH
(Unit: mm)
(Unit: mm)
• High reliability for vehicle application.
• Operating temperature range : –55°C~+125°C
• Low profile (11.3mm Max. square, 5.0mm Max. height).
• Suitable for large currents.
• Ideal for a variety of DC-DC converter inductor applications.
• RoHS compliant.
• 車載機器向け信頼性向上品
• 使用温度範囲:–55°C∼+125°C
• 薄形構造(11.3mm角Max. 高さ5.0mm Max.)
• 大電流対応
• 各種機器のDC-DCコンバータ用インダクタに最適
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE DH10F (Quantity/reel; 500 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
L (
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max.
Inductance
Decrease Current
(3)
(A) Max.
=30%
Temperature
Rise Current
(3)
ΔT=20°C
(A) Max.
A1032AY-1R5M
1.5
± 20
14
5.50
4.40
A1032AY-2R2M
2.2
± 20
16
4.70
4.10
A1032AY-3R0M
3.0
± 20
18
4.00
3.70
A1032AY-6R2M
6.2
± 20
29
2.80
3.00
A1032AY-7R5M
7.5
± 20
30
2.50
2.80
A1032AY-100M
10
± 20
46
2.30
2.20
A1032AY-150M
15
± 20
58
1.90
2.00
A1032AY-220M
22
± 20
77
1.50
1.70
A1032AY-330M
33
± 20
98
1.30
1.50
A1032AY-470K
47
± 10
145
1.00
1.30
A1032AY-680K
68
± 10
220
0.85
1.00
A1032AY-101K
100
± 10
290
0.72
0.95
A1032AY-151K
150
± 10
445
0.59
0.67
A1032AY-221K
220
± 10
600
0.48
0.58
A1032AY-331K
330
± 10
915
0.39
0.46
A1032AY-471K
470
± 10
1320
0.33
0.38
A1032AY-561K
560
± 10
1440
0.30
0.36
A1032AY-681K
680
± 10
1920
0.27
0.30
A1032AY-821K
820
± 10
2280
0.24
0.28
A1032AY-102K
1000
± 10
3000
0.23
0.23
A1032AY-152K
1500
± 10
4680
0.18
0.18
A1032AY-222K
2200
± 10
6240
0.15
0.16
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC Resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which inductance decrease
current, or temperature rise current, whichever is smaller.
・ Inductance decrease current : The inductance value decreases
30% by the excitation of DC current. (reference ambient
temperature 125
°C)
・ Temperature rise current : The temperature rises 20
°C by
excitation of DC current. (reference ambient temperature 20
°C)
(1)
インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は100kHzです。
(2)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(3)
最大許容電流:直流重畳許容電流値と温度上昇許容電流値の何れ
か小さい値です。
・ 直流重畳許容電流:直流重畳特性においてインダクタンス値が
30%
低下した時の電流値。(周囲温度125
°C)
・ 温度上昇許容電流:直流を流した時の巻線温度上昇が20
°Cに達
する電流値。(周囲温度20
°C)
ΔL
L
Recommended patterns
推奨パターン図
FEATURES
/特長
DIMENSIONS
/外形寸法図
High Reliability Fixed Inductors for Surface Mounting
高信頼性面実装
づけ
固定インダクタ


Similar Part No. - A1032AY-331K

ManufacturerPart #DatasheetDescription
logo
C&K Components
A103 CK-COMPONENTS-A103 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A103 CK-COMPONENTS-A103 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A103 CK-COMPONENTS-A103 Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A103 CK-COMPONENTS-A103 Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A103 CK-COMPONENTS-A103 Datasheet
290Kb / 5P
   Multi-pole and multi-position
More results

Similar Description - A1032AY-331K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DSH104C TOKO-DSH104C Datasheet
56Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DSH126C TOKO-DSH126C Datasheet
57Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH63LCB TOKO-DH63LCB Datasheet
58Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH124C TOKO-DH124C Datasheet
69Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH75C TOKO-DH75C Datasheet
52Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com