Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC80C51TXXX-L20ME Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # TSC80C51TXXX-L20ME
Description  CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80C51TXXX-L20ME Datasheet(HTML) 1 Page - TEMIC Semiconductors

  TSC80C51TXXX-L20ME Datasheet HTML 1Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 2Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 3Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 4Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 5Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 6Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 7Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 8Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TSC80C31/80C51
Rev. E (14 Jan.97)
1
MATRA MHS
Description
The TSC80C31/80C51 is high performance SCMOS
versions of the 8051 NMOS single chip 8 bit
µC.
The fully static design of the TSC80C31/80C51 allows to
reduce system power consumption by bringing the clock
frequency down to any value, even DC, without loss of
data.
The TSC80C31/80C51 retains all the features of the 8051
: 4 K bytes of ROM ; 128 bytes of RAM ; 32 I/O lines ;
two 16 bit timers ; a 5-source, 2-level interrupt structure
; a full duplex serial port ; and on-chip oscillator and clock
circuits.
In
addition,
the
TSC80C31/80C51
has
two
software-selectable modes of reduced activity for further
reduction in power consumption. In the Idle Mode the
CPU is frozen while the RAM, the timers, the serial port,
and the interrupt system continue to function. In the
Power Down Mode the RAM is saved and all other
functions are inoperative.
The TSC80C31/80C51 is manufactured using SCMOS
process which allows them to run from 0 up to 44 MHz
with VCC = 5 V. The TSC80C31/80C51 is also available
at 20 MHz with 2.7 V < Vcc < 5.5 V.
D TSC80C31/80C51-L16 : Low power version
Vcc : 2.7–5.5 V
Freq : 0–16 MHz
D TSC80C31/80C51-L20 : Low power version
Vcc : 2.7–5.5 V
Freq : 0–20 MHz
D TSC80C31/80C51-12 : 0 to 12 MHz
D TSC80C31/80C51-20 : 0 to 20 MHz
D TSC80C31/80C51-25 : 0 to 25 MHz
D TSC80C31/80C51-30 : 0 to 30 MHz
D TSC80C31/80C51-36 : 0 to 36 MHz
D TSC80C31/80C51-40 : 0 to 40 MHz
D TSC80C31/80C51-44 : 0 to 44 MHz*
* Commercial and Industrial temperature range only. For other speed
and range please consult your sale office.
Features
D Power control modes
D 128 bytes of RAM
D 4 K bytes of ROM (TSC80C31/80C51)
D 32 programmable I/O lines
D Two 16 bit timer/counter
D 64 K program memory space
D 64 K data memory space
D Fully static design
D 0.8 µm CMOS process
D Boolean processor
D 5 interrupt sources
D Programmable serial port
D Temperature range : commercial, industrial, automotive and
military
Optional
D Secret ROM : Encryption
D Secret TAG : Identification number
CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller


Similar Part No. - TSC80C51TXXX-L20ME

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
TSC80251-SK TEMIC-TSC80251-SK Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251-SK TEMIC-TSC80251-SK Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
TSC80251A1-A16CBR TEMIC-TSC80251A1-A16CBR Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
More results

Similar Description - TSC80C51TXXX-L20ME

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com