Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1135AS-1R0N Datasheet(PDF) 1 Page - TOKO, Inc

Part # B1135AS-1R0N
Description  Fixed Inductors for Surface Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

B1135AS-1R0N Datasheet(HTML) 1 Page - TOKO, Inc

  B1135AS-1R0N Datasheet HTML 1Page - TOKO, Inc B1135AS-1R0N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS84LCB / DS85LCB/ DS86C
Inductance Range: 1.0~100
μH(DS84LCB), 1.0~100μH(DS85LCB), 1.3~220μH(DS86C)
8.4 Max.
4.1
2.0
2.0
(Unit: mm)
3.5
8.7
(Unit: mm)
Note (*) DS84LCB; 4.0mm Max. height
DS85LCB; 5.0mm Max. height
DS86C ; 6.8mm Max. height
• 8.4 × 8.3mm Max. square, 4.0, 5.0, and 6.8mm Max.
height).
• Magnetically shielded construction and low DC resistance.
• Suitable for large currents.
• RoHS compliant.
• 8.4 × 8.3mm角Max. 高さ4.0, 5.0 および6.8mm Max.)
• 閉磁路構造、低直流抵抗
• 大電流対応
• RoHS指令対応
(1) Inductance is measured with a LCR meter 4284A* or equivalent.
Test frequency at 100kHz
(2) DC Resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, coil temperature to rise
by 40°C, whichever is smaller.
(Reference ambient temperature 20°C)
* Agilent Technologies
(1)
インダクタンスはLCRメータ4284A*または同等品により測定す
る。
測定周波数は100kHzです。
(2)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(3)
最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、コ
イルの温度が40℃上昇の何れか小さい値です。
(
周囲温度20℃を基準とする。)
*Agilent Technologies
SELECTION GUIDE FOR STANDARD COILS
TYPE DS84LCB (Quantity/reel; 500 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=10%
Temperature
Rise Current
(3)
ΔT=40°C
(A) Max. (Typ.)
B1134AS-1R0N
1.0
±30
11 (8.9)
8.1 (10.8)
8.0 (9.4)
B1134AS-1R5N
1.5
±30
13 (11)
6.6 (8.8)
6.9 (8.1)
B1134AS-2R2N
2.2
±30
17 (15)
5.6 (7.5)
5.4 (6.4)
B1134AS-2R7N
2.7
±30
19 (16)
4.9 (6.5)
5.3 (6.2)
B1134AS-3R9N
3.9
±30
24 (20)
4.3 (5.8)
4.7 (5.5)
B1134AS-4R7N
4.7
±30
30 (25)
3.9 (5.2)
4.0 (4.7)
B1134AS-6R8N
6.8
±30
43 (36)
3.2 (4.3)
3.3 (3.9)
B1134AS-100M
10
±20
57 (47)
2.8 (3.7)
2.7 (3.1)
B1134AS-150M
15
±20
80 (66)
2.2 (3.0)
2.3 (2.7)
B1134AS-220M
22
±20
120 (100)
1.8 (2.4)
1.8 (2.1)
B1134AS-330M
33
±20
170 (140)
1.5 (2.0)
1.4 (1.7)
B1134AS-470M
47
±20
255 (210)
1.2 (1.6)
1.2 (1.4)
B1134AS-680M
68
±20
340 (285)
1.0 (1.3)
1.0 (1.2)
B1134AS-101M
100
±20
460 (385)
0.83 (1.1)
0.93 (1.0)
ΔL
L
MEASUREMENT CONDITION
/測定条件
FEATURES
/特長
Recommended patterns
推奨パターン図
DIMENSIONS
/外形寸法図
Fixed Inductors for Surface Mounting
実装
づけ
用固定インダクタ


Similar Part No. - B1135AS-1R0N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
B1135AS-1R0N TOKO-B1135AS-1R0N Datasheet
249Kb / 1P
   Magnetically shielded construction and low DC resistance
More results

Similar Description - B1135AS-1R0N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
   Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
   Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
   Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
   Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
   Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com