Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLQ1005 Datasheet(PDF) 1 Page - TOKO, Inc

Part # LLQ1005
Description  Wire Wound Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLQ1005 Datasheet(HTML) 1 Page - TOKO, Inc

  LLQ1005 Datasheet HTML 1Page - TOKO, Inc LLQ1005 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LLQ1005 Series
Inductance Range:
1.0~120
μH
• High frequency surface-mounted wire-wound type small
chip inductors (Size: 1.19
×0.64×0.66mm Max.)
• The wire is wound directory on the ceramic core at a
precision pitch, realizing high-Q, self-resonant frequency
characteristics with little random variation.
• Wide Inductance range, and tight tolerance of ±2% of the
inductance value.
• The top face is coated with resin, enabling the inductor to
be held firmly when being mounted.
• RoHS compliant.
• 高周波用面実装
づけ
巻線タイプの小型チップインダクタ
(サイズ:1.19
×0.64×0.66mm Max.)
• セラミックコアに直接巻線、高精度ピッチ巻により、ハ
イQ、バラツキの少ない自己共振周波数特性を実現
• 広いインダクタンス範囲、インダクタンス値±2%の狭交差
• 天面を樹脂コーティング、実装時に優れた吸着性
• RoHS指令対応
Recommended patterns
推奨パターン図
(0.20)
0.66 Max.
0.52
0.64 Max.
(Unit: mm)
0.36
0.36
0.46
(Unit: mm)

Inductance Range
1.0~120nH

Inductance Tolerance
G ;
± 2% (7.5~82nH)
H ;
± 3% (3.3~82nH)
J ;
± 5% (1.0~120nH)
K ;
± 10% (1.0~120nH)

S.R.F.(for reference only)
1,000~12,700MHz

Rated DC current
110~1360mA

Operating Temperature Range − 40°C~+125°C
インダクタンス範囲
1.0∼120nH
インダクタンス許容差
G級;
±2% (7.5∼82nH)
H級;
±3% (3.3∼82nH)
J級 ;
±5% (1.0∼120nH)
K級 ;
±10% (1.0∼120nH)
自己共振周波数(参考値)
1,000∼12,700MHz
許容電流
110∼1360mA
使用温度範囲
−40℃∼+125℃
LLQ1005 Q vs Frequency
LLQ1005 Inductance vs Frequency
0.1
1
10
100
1
10
100
1000
10000
Frequency (MHz)
100
90
80
70
60
50
40
30
20
10
0
1
10
100
1000
10000
Frequency (MHz)
12nH
19nH
27nH
5N6
1N0
27nH
19nH
12nH
5N6
1N0
continued on next page
次頁へ続く
EXAMPLES OF CHARACTERISTICS
/代表特性例
ELECTRICAL CHARACTERISTICS
/電気的特性
DIMENSIONS
/外形寸法図
FEATURES
/特長
Wire Wound Chip Inductors
巻線チップインダクタ
Wire Wound Chip Inductors
巻線チップインダクタ


Similar Part No. - LLQ1005

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
LLQ1608-F10N TOKO-LLQ1608-F10N Datasheet
377Kb / 2P
   Wirewound Chip Inductors
LLQ1608-F10N TOKO-LLQ1608-F10N Datasheet
154Kb / 2P
   Wire Wound Chip Inductors
LLQ1608-F11N TOKO-LLQ1608-F11N Datasheet
377Kb / 2P
   Wirewound Chip Inductors
LLQ1608-F11N TOKO-LLQ1608-F11N Datasheet
154Kb / 2P
   Wire Wound Chip Inductors
More results

Similar Description - LLQ1005

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com