Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLQ1005-F2N7 Datasheet(PDF) 2 Page - TOKO, Inc

Part # LLQ1005-F2N7
Description  Wire Wound Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLQ1005-F2N7 Datasheet(HTML) 2 Page - TOKO, Inc

  LLQ1005-F2N7 Datasheet HTML 1Page - TOKO, Inc LLQ1005-F2N7 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
前頁より続く
TYPE LLQ1005 Series (Quantity/reel; 3,000PCS)
東光品番
インダクタンス
(1)
許容差
インダクタンス測定周波数
Q
(1)
Q
測定周波数
自己共振周波数
(2)
直流抵抗
(3)
許容電流
(4)
TOKO
part number
Inductance
(1)
Lo (nH)
Tolerance
Inductance
Test Frequency
(MHz)
Q
(1)
Min.
Q
Test Frequency
(MHz)
S.R.F.
(2)
(MHz)
Min.
RDC
(3)
(
Ω)
Max.
Rated DC
Current
(4)
(mA) Max.
LLQ1005-F1N0
1.0
J,K
250
16
250
12700
0.045
1360
LLQ1005-F1N9
1.9
J,K
250
16
250
11300
0.070
1040
LLQ1005-F2N0
2.0
J,K
250
16
250
11100
0.070
1040
LLQ1005-F2N2
2.2
J,K
250
19
250
10800
0.070
960
LLQ1005-F2N4
2.4
J,K
250
15
250
10500
0.068
790
LLQ1005-F2N7
2.7
J,K
250
16
250
10400
0.120
640
LLQ1005-F3N3
3.3
H,J,K
250
19
250
7000
0.066
840
LLQ1005-F3N6
3.6
H,J,K
250
19
250
6080
0.066
840
LLQ1005-F3N9
3.9
H,J,K
250
19
250
6000
0.066
840
LLQ1005-F4N3
4.3
H,J,K
250
18
250
6000
0.091
700
LLQ1005-F4N7
4.7
H,J,K
250
15
250
4770
0.130
640
LLQ1005-F5N1
5.1
H,J,K
250
20
250
4800
0.083
800
LLQ1005-F5N6
5.6
H,J,K
250
20
250
4800
0.083
760
LLQ1005-F6N2
6.2
H,J,K
250
20
250
4800
0.083
760
LLQ1005-F6N8
6.8
H,J,K
250
20
250
4800
0.083
680
LLQ1005-F7N5
7.5
G,H,J,K
250
22
250
4800
0.10
680
LLQ1005-F8N2
8.2
G,H,J,K
250
22
250
4400
0.10
680
LLQ1005-F8N7
8.7
G,H,J,K
250
18
250
4100
0.20
480
LLQ1005-F9N0
9.0
G,H,J,K
250
22
250
4160
0.10
680
LLQ1005-F9N5
9.5
G,H,J,K
250
18
250
4000
0.20
480
LLQ1005-F10N
10.0
G,H,J,K
250
21
250
3900
0.20
480
LLQ1005-F11N
11.0
G,H,J,K
250
24
250
3680
0.12
640
LLQ1005-F12N
12.0
G,H,J,K
250
24
250
3600
0.12
640
LLQ1005-F13N
13.0
G,H,J,K
250
24
250
3450
0.21
440
LLQ1005-F15N
15.0
G,H,J,K
250
24
250
3280
0.17
560
LLQ1005-F16N
16.0
G,H,J,K
250
24
250
3100
0.22
560
LLQ1005-F18N
18.0
G,H,J,K
250
24
250
3100
0.23
420
LLQ1005-F19N
19.0
G,H,J,K
250
24
250
3040
0.20
480
LLQ1005-F20N
20.0
G,H,J,K
250
25
250
3000
0.25
420
LLQ1005-F22N
22.0
G,H,J,K
250
25
250
2800
0.30
400
LLQ1005-F23N
23.0
G,H,J,K
250
22
250
2720
0.30
400
LLQ1005-F24N
24.0
G,H,J,K
250
25
250
2700
0.30
400
LLQ1005-F27N
27.0
G,H,J,K
250
24
250
2480
0.30
400
LLQ1005-F30N
30.0
G,H,J,K
250
25
250
2350
0.30
400
LLQ1005-F33N
33.0
G,H,J,K
250
24
250
2350
0.30
400
LLQ1005-F36N
36.0
G,H,J,K
250
24
250
2320
0.44
320
LLQ1005-F39N
39.0
G,H,J,K
250
25
250
2100
0.55
200
LLQ1005-F40N
40.0
G,H,J,K
250
24
250
2240
0.44
320
LLQ1005-F43N
43.0
G,H,J,K
250
25
250
2030
0.81
100
LLQ1005-F47N
47.0
G,H,J,K
250
20
250
2100
0.83
150
LLQ1005-F51N
51.0
G,H,J,K
250
25
250
1750
0.82
100
LLQ1005-F56N
56.0
G,H,J,K
250
22
250
1760
0.97
100
LLQ1005-F68N
68.0
G,H,J,K
250
22
250
1620
1.12
100
LLQ1005-F82N
82.0
G,H,J,K
250
20
250
2000
2.24
100
LLQ1005-FR10
100
J,K
250
20
250
1100
2.52
120
LLQ1005-FR12
120
J,K
250
20
250
1000
2.66
100
Add the tolerance of inductance to within the □ of the part Number as follows: G=
±2%, H=±3%, J=±5%, K=±10%
□はインダクタンスの許容差をあらわして居りますので、ご指定下さい。G=
±2%, H=±3%, J=±5%, K=±10%
(1) Inductance and Q is measured with a RF LCR meter HP4287A
(Agilent technologies) or equivalent.
(2) Self resonant frequency is measured with a network analyzer
HP8720ES (Agilent technologies) or equivalent.
(3) DC resistance is measured with a micro ohm meter HP3442A
(Agilent technologies) or equivalent.
(4) Rated DC current is coil temperature to rise by 20℃. (Reference
ambient temperature 20℃)
(1) インダクタンスとQはLCRメーターHP4287A (Agilent
technologies) または同等品により測定する。
(2) 自己共振周波数はインピーダンスアナライザーHP8720ES
(Agilent technologies) または同等品で測定する。
(3) 直流電流はマイクロオームメーターHP3442A (Agilent
technologies) または同等品で測定する。
(4) 許容電流はコイルの温度が20℃上昇する値です。(周囲温度
20℃を基準とする)
TOKO STANDARD PART NUMBERS
/東光 標準品一覧
Wire Wound Chip Inductors
巻線チップインダクタ


Similar Part No. - LLQ1005-F2N7

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
LLQ1608-F10N TOKO-LLQ1608-F10N Datasheet
377Kb / 2P
   Wirewound Chip Inductors
LLQ1608-F10N TOKO-LLQ1608-F10N Datasheet
154Kb / 2P
   Wire Wound Chip Inductors
LLQ1608-F11N TOKO-LLQ1608-F11N Datasheet
377Kb / 2P
   Wirewound Chip Inductors
LLQ1608-F11N TOKO-LLQ1608-F11N Datasheet
154Kb / 2P
   Wire Wound Chip Inductors
More results

Similar Description - LLQ1005-F2N7

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com