Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBR25EC8ABSA Datasheet(PDF) 7 Page - Elpida Memory

Part # EBR25EC8ABSA
Description  256MB Direct Rambus DRAM SO-RIMM Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBR25EC8ABSA Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBR25EC8ABSA Datasheet HTML 3Page - Elpida Memory EBR25EC8ABSA Datasheet HTML 4Page - Elpida Memory EBR25EC8ABSA Datasheet HTML 5Page - Elpida Memory EBR25EC8ABSA Datasheet HTML 6Page - Elpida Memory EBR25EC8ABSA Datasheet HTML 7Page - Elpida Memory EBR25EC8ABSA Datasheet HTML 8Page - Elpida Memory EBR25EC8ABSA Datasheet HTML 9Page - Elpida Memory EBR25EC8ABSA Datasheet HTML 10Page - Elpida Memory EBR25EC8ABSA Datasheet HTML 11Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EBR25EC8ABSA
Preliminary Data Sheet E0320E11 (Ver. 1.1)
7
AC Electrical Specifications
Symbol
Parameter and Conditions
Grade
min.
typ.
max.
Unit
Z
Module Impedance of RSL signals
25.2
28.0
30.8
Module Impedance of SCK and CMD signals
23.8
28.0
32.2
TPD
Average clock delay from finger to finger of all RSL
clock nets (CTM, CTMN,CFM, and CFMN)
TBD
ns
∆TPD
Propagation delay variation of RSL signals with respect
to TPD *
1, 2
TBD
TBD
ps
∆TPD-CMOS
Propagation delay variation of SCK signal with respect
to an average clock delay *
1
TBD
TBD
ps
∆TPD- SCK,CMD
Propagation delay variation of CMD signal with respect
to SCK signal
TBD
TBD
ps
V
α/VIN
Attenuation Limit
-AD
-8C
TBD
%
VXF/VIN
Forward crosstalk coefficient
(300ps input rise time 20% - 80%)
-AD
-8C
TBD
%
VXB/VIN
Backward crosstalk coefficient
(300ps input rise time 20% - 80%)
-AD
-8C
TBD
%
RDC
DC Resistance Limit
-AD
-8C
TBD
Notes 1. TPD or Average clock delay is defined as the average delay from finger to finger of all RSL clock nets
(CTM, CTMN, CFM, and CFMN).
2. If the SO-RIMM module meets the following specification, then it is compliant to the specification.
If the SO-RIMM module does not meet these specifications, then the specification can be adjusted by the
“Adjusted
∆TPD Specification” table.
Adjusted
∆TPD Specification
Absolute
Symbol
Parameter and conditions
Adjusted min./max.
min.
max.
Unit
∆TPD
Propagation delay variation of RSL signals with
respect to TPD
+/
− [17+(18*N*∆Z0)] *1
TBD
TBD
ps
Note: 1
N = Number of RDRAM devices installed on the SO-RIMM module.
∆Z0 = delta Z0% = (max. Z0 - min. Z0) / (min. Z0)
(max. Z0 and min. Z0 are obtained from the loaded (high impedance) impedance coupons of all RSL
layers on the module.)


Similar Part No. - EBR25EC8ABSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABFD-8C ELPIDA-EBR25EC8ABFD-8C Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABFD-AD ELPIDA-EBR25EC8ABFD-AD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABFD-AE ELPIDA-EBR25EC8ABFD-AE Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABFD-AEP ELPIDA-EBR25EC8ABFD-AEP Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
More results

Similar Description - EBR25EC8ABSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
EBR12EC8ABSA ELPIDA-EBR12EC8ABSA Datasheet
107Kb / 11P
   128MB Direct Rambus DRAM SO-RIMM??Module
EBR25UC8ABKD ELPIDA-EBR25UC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
MC-4R256FKK8K ELPIDA-MC-4R256FKK8K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
EBR25EC8ABKD ELPIDA-EBR25EC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com