Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCP107M3-A0-20C Datasheet(PDF) 1 Page - TOKO, Inc

Part # SCP107M3-A0-20C
Description  Radial Taping / FM Ceramic Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

SCP107M3-A0-20C Datasheet(HTML) 1 Page - TOKO, Inc

  SCP107M3-A0-20C Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TYPE CFSCP High reliability Series
CFSKB
CFSKP/CFSCP
CFSLP
CFSKP/CFSCP Dimensions
Taping data (CFSKP/CFSCP)
Marks
Dimensions
Marks
Dimensions
Marks
Dimensions
A1
9.0Max.
P2
6.35
± 1.3
H1
27.0Max.
T
4.0Max.
F1, F2
2.5 0.1
-
0.4
+
I
3.0Min.
d1
0.5
± 0.05
Δh
2.0Max.
øD0
4.0
± 0.2
d2
0.5
± 0.05
W
18.0 0.5
-
1.0
+
t2
1.5Min.
t0
0.3
± 0.05
W0
13.0 0.5
-
1.0
+
t1
0.6
± 0.3
P
12.7
± 1.0
W1
9.0
± 0.5
L
11.0Max.
P0
12.7
± 0.3
W2
1.0Max.
P1
3.85
± 0.5
H
18.0 0-2+
(Unit:mm)
Description
• Suitable for a radial taping. (CFSKP/CFSCP/CFSLP)
• The individual type for the CFSKP filter. (CFSKB)
概 要
• ラジアルテーピング品(CFSKP/CFSCP/CFSLP)
• CFSKPタイプのバラ品対応(CFSKB)
Features
• Compact and low profile — ideal for slim-line sets.
• Low temperature coefficient with low spread for reliable
response.
• High selectivity for excellent spurious response control.
• RoHS compliant
特 長
• 小型低背であり、薄形セットに最適
• 低温度係数で、バラツキが少なく安定した特性
• 高選択度特性で優れたスプリアス抑圧
• RoHS 指令対応
Applications
• Cordless telephones, audio systems, car stereo, high
grade radio cassettes.
• Digital communications equipment.
用 途
• コードレス電話、ミニコンポ、カーステレオ、
高級ラジオカセット
• デジタル通信機器
SELECTION GUIDE FOR STANDARD FILTERS
TYPE CFSKP 10.7MHz
東光品番
中心周波数
3dB帯域幅
20dB帯域幅
挿入損失
スプリアス減衰量
入出力側
インピーダンス
TOKO
Part
Number
Center
Frequency
(MHz)
Bandwidth
at 3dB
(kHz)
Bandwidth
at 20dB
(kHz)Max.
Insertion
Loss
(dB)
Spurious
Response
(dB)Min.
Input/Output
Impedance
(
Ω)
#SKP107M1-A0-20
10.7
±0.03
280
±50
650
6.0
30
330/330
#SKP107M2-A0-20
10.7
±0.03
230
±50
600
6.0
40
330/330
#SKP107M3-A0-20
10.7
±0.03
180
±40
520
7.0
40
330/330
#SKP107M4-A0-20
10.7
±0.03
150
±40
400
10.0
40
330/330
TYPE CFSCP 10.7MHz
東光品番
中心周波数
3dB帯域幅
20dB帯域幅
挿入損失
スプリアス減衰量
入出力側
インピーダンス
TOKO
Part
Number
Center
Frequency
(MHz)
Bandwidth
at 3dB
(kHz)
Bandwidth
at 20dB
(kHz)Max.
Insertion
Loss
(dB)
Spurious
Response
(dB)Min.
Input/Output
Impedance
(
Ω)
#SCP107M2-A0-20C
10.7
±0.03
230
±50
520
3.0
±2.0
40
330/330
#SCP107M3-A0-20C
10.7
±0.03
180
±40
450
3.5
±1.5
40
330/330
#SCP107M4-A0-20C
10.7
±0.03
150
±40
340
4.5
±2.0
40
330/330
Radial Taping / FM Ceramic Filters
ラジアルテーピング/FMセラミックフィルタ
TYPE
CFSKP
CFSKB
CFSCP
CFSLP


Similar Part No. - SCP107M3-A0-20C

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCP1000 VTI-SCP1000 Datasheet
287Kb / 7P
   ABSOLUTE PRESSURE SENSOR
logo
Murata Manufacturing Co...
SCP1000 MURATA-SCP1000 Datasheet
393Kb / 7P
   SCP1000 SERIES (120 kPa) ABSOLUTE PRESSURE SENSOR Level gauging
SCP1000-D01 MURATA-SCP1000-D01 Datasheet
393Kb / 7P
   SCP1000 SERIES (120 kPa) ABSOLUTE PRESSURE SENSOR Level gauging
SCP1000-D11 MURATA-SCP1000-D11 Datasheet
393Kb / 7P
   SCP1000 SERIES (120 kPa) ABSOLUTE PRESSURE SENSOR Level gauging
logo
List of Unclassifed Man...
SCP100S24X-CP1 ETC2-SCP100S24X-CP1 Datasheet
1Mb / 2P
   IP67 SCP-X EXTREME ENVIRONMENT SERIES
More results

Similar Description - SCP107M3-A0-20C

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CFSKP TOKO-CFSKP Datasheet
116Kb / 1P
   RADIAL TAPING FM CERAMIC FILTERS
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
   FM CERAMIC FILTERS
CFSKNX TOKO-CFSKNX Datasheet
125Kb / 1P
   FM CERAMIC FILTERS
CFSKNG TOKO-CFSKNG Datasheet
123Kb / 1P
   FM CERAMIC FILTERS
SL107M1-AO-10 TOKO-SL107M1-AO-10 Datasheet
134Kb / 1P
   FM Ceramic Filters
SC107M2-A0-20C TOKO-SC107M2-A0-20C Datasheet
139Kb / 1P
   FM Ceramic Filters
SK107MAN-AO-10 TOKO-SK107MAN-AO-10 Datasheet
239Kb / 2P
   FM Ceramic Filters
logo
Murata Manufacturing Co...
P61E7 MURATA-P61E7 Datasheet
992Kb / 57P
   Ceramic Filters (CERAFIL) for FM Receivers
logo
Token Electronics Indus...
LT10.7MA5AP TOKEN-LT10.7MA5AP Datasheet
358Kb / 4P
   LT10.7M Ceramic Filters for FM Receiver
logo
HOKURIKU ELECTRIC INDUS...
KSM8WBTS HOKURIKU-KSM8WBTS Datasheet
73Kb / 1P
   Tactile Switches 8mm WaterProof Radial Taping Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com