Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBD25UC8AAFA-6B Datasheet(PDF) 5 Page - Elpida Memory

Part # EBD25UC8AAFA-6B
Description  256MB Unbuffered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD25UC8AAFA-6B Datasheet(HTML) 5 Page - Elpida Memory

  EBD25UC8AAFA-6B Datasheet HTML 1Page - Elpida Memory EBD25UC8AAFA-6B Datasheet HTML 2Page - Elpida Memory EBD25UC8AAFA-6B Datasheet HTML 3Page - Elpida Memory EBD25UC8AAFA-6B Datasheet HTML 4Page - Elpida Memory EBD25UC8AAFA-6B Datasheet HTML 5Page - Elpida Memory EBD25UC8AAFA-6B Datasheet HTML 6Page - Elpida Memory EBD25UC8AAFA-6B Datasheet HTML 7Page - Elpida Memory EBD25UC8AAFA-6B Datasheet HTML 8Page - Elpida Memory EBD25UC8AAFA-6B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
EBD25UC8AAFA-6B
Preliminary Data Sheet E0390E10 (Ver. 1.0)
5
Serial PD Matrix
Byte No.
Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
0
Number of bytes utilized by module
manufacturer
1
0
0
0
0
0
0
0
80H
128 bytes
1
Total number of bytes in serial PD
device
0
0
0
0
1
0
0
0
08H
256 bytes
2
Memory type
0
0
0
0
0
1
1
1
07H
DDR SDRAM
3
Number of row address
0
0
0
0
1
1
0
1
0DH
13
4
Number of column address
0
0
0
0
1
0
1
0
0AH
10
5
Number of DIMM ranks
0
0
0
0
0
0
0
1
01H
1
6
Module data width
0
1
0
0
0
0
0
0
40H
64
7
Module data width continuation
0
0
0
0
0
0
0
0
00H
0
8
Voltage interface level of this assembly 0
0
0
0
0
1
0
0
04H
SSTL2
9
DDR SDRAM cycle time, CL = 2.5
0
1
1
0
0
0
0
0
60H
6.0ns
*1
10
SDRAM access from clock (tAC)
0
1
1
1
0
0
0
0
70H
0.70ns
*1
11
DIMM configuration type
0
0
0
0
0
0
0
0
00H
None.
12
Refresh rate/type
1
0
0
0
0
0
1
0
82H
7.6
µs
13
Primary SDRAM width
0
0
0
0
1
0
0
0
08H
× 8
14
Error checking SDRAM width
0
0
0
0
0
0
0
0
00H
None.
15
SDRAM device attributes:
Minimum clock delay back-to-back
column access
0
0
0
0
0
0
0
1
01H
1 CLK
16
SDRAM device attributes:
Burst length supported
0
0
0
0
1
1
1
0
0EH
2,4,8
17
SDRAM device attributes: Number of
banks on SDRAM device
0
0
0
0
0
1
0
0
04H
4
18
SDRAM device attributes:
/CAS latency
0
0
0
0
1
1
0
0
0CH
2, 2.5
19
SDRAM device attributes:
/CS latency
0
0
0
0
0
0
0
1
01H
0
20
SDRAM device attributes:
/WE latency
0
0
0
0
0
0
1
0
02H
1
21
SDRAM module attributes
0
0
1
0
0
0
0
0
20H
Differential
Clock
22
SDRAM device attributes: General
1
1
0
0
0
0
0
0
C0H
VDD ± 0.2V
23
Minimum clock cycle time at CL = 2
0
1
1
1
0
1
0
1
75H
7.5ns
*1
24
Maximum data access time (tAC) from
clock at CL = 2
0
1
1
1
0
0
0
0
70H
0.70ns
*1
25 to 26
0
0
0
0
0
0
0
0
00H
27
Minimum row precharge time (tRP)
0
1
0
0
1
0
0
0
48H
18ns
28
Minimum row active to row active
delay (tRRD)
0
0
1
1
0
0
0
0
30H
12ns
29
Minimum /RAS to /CAS delay (tRCD)
0
1
0
0
1
0
0
0
48H
18ns
30
Minimum active to precharge time
(tRAS)
0
0
1
0
1
0
1
0
2AH
42ns
31
Module rank density
0
1
0
0
0
0
0
0
40H
256M bytes
32
Address and command setup time
before clock (tIS)
1
0
0
0
0
0
0
0
80H
0.80ns
*1
33
Address and command hold time after
clock (tIH)
1
0
0
0
0
0
0
0
80H
0.80ns
*1
34
Data input setup time before clock
(tDS)
0
1
0
0
0
1
0
1
45H
0.45ns
*1


Similar Part No. - EBD25UC8AAFA-6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD25UC8AAFA-7B ELPIDA-EBD25UC8AAFA-7B Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
More results

Similar Description - EBD25UC8AAFA-6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AJFA ELPIDA-EBD25EC8AJFA Datasheet
197Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM
HB54A2568FM-A75B ELPIDA-HB54A2568FM-A75B Datasheet
190Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AJFA ELPIDA-EBD25UC8AJFA Datasheet
197Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM
EBD26UB8ALFA ELPIDA-EBD26UB8ALFA Datasheet
168Kb / 16P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA ELPIDA-EBD25EC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AMFA-5 ELPIDA-EBD25UC8AMFA-5 Datasheet
153Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG6437S-D4 WEDC-WV3EG6437S-D4 Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com