Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMAJ100CA Datasheet(PDF) 5 Page - Shanghai Lunsure Electronic Tech

Part # P4SMAJ100CA
Description  400Watt transient voltage suppressors 5.0to170 volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

P4SMAJ100CA Datasheet(HTML) 5 Page - Shanghai Lunsure Electronic Tech

  P4SMAJ100CA Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech P4SMAJ100CA Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech P4SMAJ100CA Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech P4SMAJ100CA Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech P4SMAJ100CA Datasheet HTML 5Page - Shanghai Lunsure Electronic Tech P4SMAJ100CA Datasheet HTML 6Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ELECTRICAL CHARACTERISTICS @25°C
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @
IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MARKING
CODE
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
1
2
P4SMAJ5.0C
5.0
6.40
7.30
10
9.6
41.6
1600
WD
TD
P4SMAJ5.0CA
5.0
6.40
7.00
10
9.2
43.5
1600
WE
TE
P4SMAJ6.0C
6.0
6.67
8.15
10
11.4
35.1
1600
WF
TF
P4SMAJ6.0CA
6.0
6.67
7.37
10
10.3
38.8
1600
WG
TG
P4SMAJ6.5C
6.5
7.22
8.82
10
12.3
32.5
1000
WH
TH
P4SMAJ6.5CA
6.5
7.22
7.98
10
11.2
35.7
1000
WK
TK
P4SMAJ7.0C
7.0
7.78
9.51
10
13.3
30.1
400
WL
TL
P4SMAJ7.0CA
7.0
7.78
8.60
10
12.0
33.3
400
WM
TM
P4SMAJ7.5C
7.5
8.33
10.2
1
14.3
28.0
200
WN
TN
P4SMAJ7.5CA
7.5
8.33
9.21
1
12.9
31.0
200
WP
TP
P4SMAJ8.0C
8.0
8.89
10.9
1
15.0
26.5
100
WQ
TQ
P4SMAJ8.0CA
8.0
8.89
9.83
1
13.6
29.4
100
WR
TR
P4SMAJ8.5C
8.5
9.44
11.5
1
15.9
25.1
20
WS
TS
P4SMAJ8.5CA
8.5
9.44
10.4
1
14.4
27.7
20
WT
TT
P4SMAJ9.0C
9.0
10.0
12.2
1
16.9
23.6
10
WU
TU
P4SMAJ9.0CA
9.0
10.0
11.1
1
15.4
26.0
10
WV
TV
P4SMAJ10C
10
11.1
13.6
1
18.8
21.2
5
WW
TW
P4SMAJ10CA
10
11.1
12.3
1
17.0
23.5
5
WX
TX
P4SMAJ11C
11
12.2
14.9
1
20.1
20.0
5
WY
TY
P4SMAJ11CA
11
12.2
13.5
1
18.2
22.0
5
WZ
TZ
P4SMAJ12C
12
13.3
16.3
1
22.0
18.1
5
XD
UD
P4SMAJ12CA
12
13.3
14.7
1
19.9
20.1
5
XE
UE
P4SMAJ13C
13
14.4
17.6
1
23.8
16.8
5
XF
UF
P4SMAJ13CA
13
14.4
15.9
1
21.5
18.6
5
XG
UG
P4SMAJ14C
14
15.6
19.1
1
25.8
15.5
5
XH
UH
P4SMAJ14CA
14
15.6
17.2
1
23.2
17.2
5
XK
UK
P4SMAJ15C
15
16.7
20.4
1
26.9
14.8
5
XL
UL
P4SMAJ15CA
15
16.7
18.5
1
24.4
16.4
5
XM
UM
P4SMAJ16C
16
17.8
21.8
1
28.8
13.8
5
XN
UN
P4SMAJ16CA
16
17.8
19.7
1
26.0
15.3
5
XP
UP
P4SMAJ17C
17
18.9
23.1
1
30.5
13.1
5
XQ
UQ
P4SMAJ17CA
17
18.9
20.9
1
27.6
14.5
5
XR
UR
P4SMAJ18C
18
20.0
24.4
1
32.2
12.4
5
XS
US
P4SMAJ18CA
18
20.0
22.1
1
29.2
13.7
5
XT
UT
P4SMAJ20C
20
22.2
27.1
1
35.8
11.1
5
XU
UU
P4SMAJ20CA
20
22.2
24.5
1
32.4
12.3
5
XV
UV
P4SMAJ5.0 thru P4SMAJ170CA
www.cnelectr.com


Similar Part No. - P4SMAJ100CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ100CA PANJIT-P4SMAJ100CA Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ100CA SURGE-P4SMAJ100CA Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Transys Electronics
P4SMAJ100CA TRSYS-P4SMAJ100CA Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ100CA WTE-P4SMAJ100CA Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ100CA PANJIT-P4SMAJ100CA Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ100CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
P4KE6.8 CHENYI-P4KE6.8 Datasheet
70Kb / 3P
   400 Watt Transient voltage suppressors 6.8to400 volts
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com