Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52RF328GB-B Datasheet(PDF) 3 Page - Elpida Memory

Part # HB52RF328GB-B
Description  256MB Unbuffered SDRAM Micro DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52RF328GB-B Datasheet(HTML) 3 Page - Elpida Memory

  HB52RF328GB-B Datasheet HTML 1Page - Elpida Memory HB52RF328GB-B Datasheet HTML 2Page - Elpida Memory HB52RF328GB-B Datasheet HTML 3Page - Elpida Memory HB52RF328GB-B Datasheet HTML 4Page - Elpida Memory HB52RF328GB-B Datasheet HTML 5Page - Elpida Memory HB52RF328GB-B Datasheet HTML 6Page - Elpida Memory HB52RF328GB-B Datasheet HTML 7Page - Elpida Memory HB52RF328GB-B Datasheet HTML 8Page - Elpida Memory HB52RF328GB-B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HB52RF328GB-B, HB52RD328GB-B
Preliminary Data Sheet E0202H10 (Ver. 1.0)
3
Front side
Back side
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
37
DQ8
109
A9
38
DQ40
110
BA1
39
DQ9
111
A10 (AP)
40
DQ41
112
A11
41
DQ10
113
VCC
42
DQ42
114
VCC
43
DQ11
115
DQMB2
44
DQ43
116
DQMB6
45
VCC
117
DQMB3
46
VCC
118
DQMB7
47
DQ12
119
VSS
48
DQ44
120
VSS
49
DQ13
121
DQ24
50
DQ45
122
DQ56
51
DQ14
123
DQ25
52
DQ46
124
DQ57
53
DQ15
125
DQ26
54
DQ47
126
DQ58
55
VSS
127
DQ27
56
VSS
128
DQ59
57
NC
129
VCC
58
NC
130
VCC
59
NC
131
DQ28
60
NC
132
DQ60
61
CK0
133
DQ29
62
CKE0
134
DQ61
63
VCC
135
DQ30
64
VCC
136
DQ62
65
/RE
137
DQ31
66
/CE
138
DQ63
67
/W
139
VSS
68
NC
140
VSS
69
/S0
141
SDA
70
A12
142
SCL
71
NC
143
VCC
72
NC
144
VCC
Pin Description
Pin name
Function
A0 to A12
Address input
— Row address
A0 to A12
— Column address A0 to A9
BA0, BA1
Bank select address
DQ0 to DQ63
Data-input/output
/S0
Chip select
/RE
Row address asserted bank enable
/CE
Column address asserted
/W
Write enable
DQMB0 to DQMB7
Byte input/output mask
CK0, CK1
Clock input
CKE0
Clock enable
SDA
Data-input/output for serial PD
SCL
Clock input for serial PD
VCC
Power supply
VSS
Ground
NC
No connection


Similar Part No. - HB52RF328GB-B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RF1289E2 ELPIDA-HB52RF1289E2 Datasheet
161Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2-75B ELPIDA-HB52RF1289E2-75B Datasheet
167Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2U-75B ELPIDA-HB52RF1289E2U-75B Datasheet
157Kb / 20P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF648DC-B ELPIDA-HB52RF648DC-B Datasheet
160Kb / 20P
   512 MB Unbuffered SDRAM S.O.DIMM 64-Mword 횞 64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M 횞 8 components) PC133/100 SDRAM
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
More results

Similar Description - HB52RF328GB-B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
EBS25UC8APFA ELPIDA-EBS25UC8APFA Datasheet
158Kb / 14P
   256MB Unbuffered SDRAM DIMM
HB52E328EM-A6B ELPIDA-HB52E328EM-A6B Datasheet
150Kb / 19P
   256MB Unbuffered SDRAM DIMM
EBS25EC8APFA ELPIDA-EBS25EC8APFA Datasheet
160Kb / 14P
   256MB Unbuffered SDRAM DIMM
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBE25UD6ABFA ELPIDA-EBE25UD6ABFA Datasheet
224Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com