Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB54A5129F2U-B75B Datasheet(PDF) 9 Page - Elpida Memory

Part # HB54A5129F2U-B75B
Description  256MB, 512MB Registered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB54A5129F2U-B75B Datasheet(HTML) 9 Page - Elpida Memory

Back Button HB54A5129F2U-B75B Datasheet HTML 5Page - Elpida Memory HB54A5129F2U-B75B Datasheet HTML 6Page - Elpida Memory HB54A5129F2U-B75B Datasheet HTML 7Page - Elpida Memory HB54A5129F2U-B75B Datasheet HTML 8Page - Elpida Memory HB54A5129F2U-B75B Datasheet HTML 9Page - Elpida Memory HB54A5129F2U-B75B Datasheet HTML 10Page - Elpida Memory HB54A5129F2U-B75B Datasheet HTML 11Page - Elpida Memory HB54A5129F2U-B75B Datasheet HTML 12Page - Elpida Memory HB54A5129F2U-B75B Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HB54A2569F1U, HB54A5129F2U
Data Sheet E0206H30 (Ver. 3.0)
9
Block Diagram (HB54A5129F2U)
DQ
DQS
DM
DQ0 to DQ7
8
DQS0
DM0/DQS9
RS
RS
RS
/CS
D0
/RS0
/RS1
DQ
DQ8 to DQ15
8
DQS1
DM1/DQS10
RS
RS
RS
D1
DQ
DQ16 to DQ23
8
DQS2
DM2/DQS11
RS
RS
RS
D2
DQ
DQ24 to DQ31
8
DQS3
DM3/DQS12
RS
RS
RS
D3
DQ
DQ32 to DQ39
8
DQS4
DM4/DQS13
RS
RS
RS
D4
DQ
DQ40 to DQ47
8
DQS5
DM5/DQS14
RS
RS
RS
D5
DQ
DQ48 to DQ55
8
DQS6
DM6/DQS15
RS
RS
RS
D6
DQ
DQ56 to DQ63
8
DQS7
DM7/DQS16
RS
RS
RS
D7
DQ
CB0 to CB7
8
DQS8
DM8/DQS17
RS
RS
RS
D8
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQ
DQS
DM
/CS
D9
DQ
D10
DQ
D11
DQ
D12
DQ
D13
DQ
D14
DQ
D15
DQ
D16
DQ
D17
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
* D0 to D17: HM5425801
U0: 2k bits EEPROM
RS: 22Ω
PLL: CDCV857
Register: SSTV16857
/RS0 and /RS1 alternate between
the back and front side of the DIMM.
RS
RS
RS
RS
RS
RS
RS
RS
RS
Serial PD
SDA
A0
A1
A2
SA0
SA1
SA2
SCL
SCL
U0
SDA
Notes:
1. The SDA pull-up resistor is required due to
the open-drain/open-collector output.
2. The SCL pull-up resistor is recommended
because of the normal SCL line inacitve
"high" state.
VCCQ
D0 to D17
D0 to D17
D0 to D17
D0 to D17
VCC
VSS
VREF
VCCID
open
A0 to A12
BA0 to BA1
/RAS
/CAS
/WE
/S0
CKE0
/S1
CKE1
RA0 to RA12 -> A0 to A12: SDRAMs D0 to D17
RBA0 to RBA1 -> BA0 to BA1: SDRAMs D0 to D17
/RRAS -> /RAS: SDRAMs D0 to D17
/RCAS -> /CAS: SDRAMs D0 to D17
/RWE -> /WE: SDRAMs D0 to D17
/RS0 -> /CS: SDRAMs D0 to D8
RCKE0 -> CKE: SDRAMs D0 to D8
/RS1 -> /CS: SDRAMs D9 to D17
RCKE1 -> CKE: SDRAMs D9 to D17
R
E
G
I
S
T
E
R
PCK
/PCK
CK0, /CK0
PLL*
/RESET
Note: Wire per Clock loading table/Wiring diagrams.


Similar Part No. - HB54A5129F2U-B75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A5129F2 ELPIDA-HB54A5129F2 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A5129F2-10B ELPIDA-HB54A5129F2-10B Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A5129F2-A75B ELPIDA-HB54A5129F2-A75B Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A5129F2-B75B ELPIDA-HB54A5129F2-B75B Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
More results

Similar Description - HB54A5129F2U-B75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
EBD25RB4ALFB ELPIDA-EBD25RB4ALFB Datasheet
164Kb / 17P
   256MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD25RB4ALFA ELPIDA-EBD25RB4ALFA Datasheet
136Kb / 17P
   256MB Registered DDR SDRAM DIMM
EBD51RD8ABFA ELPIDA-EBD51RD8ABFA Datasheet
196Kb / 19P
   512MB Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com