Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBR12EC8ABKD-AEP Datasheet(PDF) 8 Page - Elpida Memory

Part # EBR12EC8ABKD-AEP
Description  128MB 32-bit Direct Rambus DRAM RIMM??Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBR12EC8ABKD-AEP Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBR12EC8ABKD-AEP Datasheet HTML 4Page - Elpida Memory EBR12EC8ABKD-AEP Datasheet HTML 5Page - Elpida Memory EBR12EC8ABKD-AEP Datasheet HTML 6Page - Elpida Memory EBR12EC8ABKD-AEP Datasheet HTML 7Page - Elpida Memory EBR12EC8ABKD-AEP Datasheet HTML 8Page - Elpida Memory EBR12EC8ABKD-AEP Datasheet HTML 9Page - Elpida Memory EBR12EC8ABKD-AEP Datasheet HTML 10Page - Elpida Memory EBR12EC8ABKD-AEP Datasheet HTML 11Page - Elpida Memory EBR12EC8ABKD-AEP Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
EBR12EC8ABKD
Preliminary Data Sheet E0313E11 (Ver. 1.1)
8
Electrical Specifications
Absolute Maximum Ratings
Symbol
Parameter
min.
max.
Unit
VI,ABS
Voltage applied to any RSL or CMOS signal pad with
respect to GND
−0.3
VDD + 0.3
V
VDD,ABS
Voltage on VDD with respect to GND
−0.5
VDD + 1.0
V
TSTORE
Storage temperature
−50
+100
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage.
The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Recommended Electrical Conditions
Symbol
Parameter and conditions
min.
max.
Unit
VDD
Supply voltage
*1
2.50
− 0.13
2.50 + 0.13
V
VCMOS
CMOS I/O power supply at pad
2.5V controllers
2.50
− 0.13
2.50 + 0.25
V
1.8V controllers
1.8
− 0.1
1.8 + 0.2
V
VREF
Reference voltage
*1
1.4
− 0.2
1.4 + 0.2
V
SVDD
Serial Presence Detector- positive power supply
2.2
3.6
V
VTERM
Termination Voltage
1.89
− 0.09
1.89 + 0.09
V
Note: 1. See Direct RDRAM datasheet for more details.


Similar Part No. - EBR12EC8ABKD-AEP

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABFD-8C ELPIDA-EBR12EC8ABFD-8C Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABFD-AD ELPIDA-EBR12EC8ABFD-AD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABFD-AE ELPIDA-EBR12EC8ABFD-AE Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABFD-AEP ELPIDA-EBR12EC8ABFD-AEP Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
More results

Similar Description - EBR12EC8ABKD-AEP

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R128FKK8K ELPIDA-MC-4R128FKK8K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
EBR12UC8ABKD ELPIDA-EBR12UC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
MC-4R128FKK6K ELPIDA-MC-4R128FKK6K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABSA ELPIDA-EBR12EC8ABSA Datasheet
107Kb / 11P
   128MB Direct Rambus DRAM SO-RIMM??Module
MC-4R512FKK8K ELPIDA-MC-4R512FKK8K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R512FKK6K ELPIDA-MC-4R512FKK6K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
EBR25UC8ABKD ELPIDA-EBR25UC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com