Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBR51UC8ABFD Datasheet(PDF) 4 Page - Elpida Memory

Part # EBR51UC8ABFD
Description  512MB Direct Rambus??DRAM RIMM??Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBR51UC8ABFD Datasheet(HTML) 4 Page - Elpida Memory

  EBR51UC8ABFD Datasheet HTML 1Page - Elpida Memory EBR51UC8ABFD Datasheet HTML 2Page - Elpida Memory EBR51UC8ABFD Datasheet HTML 3Page - Elpida Memory EBR51UC8ABFD Datasheet HTML 4Page - Elpida Memory EBR51UC8ABFD Datasheet HTML 5Page - Elpida Memory EBR51UC8ABFD Datasheet HTML 6Page - Elpida Memory EBR51UC8ABFD Datasheet HTML 7Page - Elpida Memory EBR51UC8ABFD Datasheet HTML 8Page - Elpida Memory EBR51UC8ABFD Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EBR51UC8ABFD
Data Sheet E0316E21 (Ver. 2.1)
4
Module Connector Pad Description
Signal
Module
Connector Pads
I/O
Type
Description
GND
A1, A3, A5, A7, A9, A11,
A13, A15, A17, A19, A21,
A23, A25, A27, A29, A31,
A33, A39, A52, A60, A62,
A64, A66, A68, A70, A72,
A74, A76, A78, A80, A82,
A84, A86, A88, A90, A92,
B1, B3, B5, B7, B9, B11,
B13, B15, B17, B19, B21,
B23, B25, B27, B29, B31,
B33, B39, B52, B60, B62,
B64, B66, B68, B70, B72,
B74, B76, B78, B80, B82,
B84, B86, B88, B90, B92
Ground reference for RDRAM core and interface. 72
PCB connector pads.
LCFM
B10
I
RSL
Clock from master. Interface clock used for receiving
RSL signals from the Channel. Positive polarity.
LCFMN
B12
I
RSL
Clock from master. Interface clock used for receiving
RSL signals from the Channel. Negative polarity.
LCMD
B34
I
VCMOS
Serial Command used to read from and write to the
control registers. Also used for power management.
LCOL4..LCOL0
A20, B20, A22, B22, A24
I
RSL
Column bus. 5-bit bus containing control and address
information for column accesses.
LCTM
A14
I
RSL
Clock to master. Interface clock used for transmitting
RSL signals to the Channel. Positive polarity.
LCTMN
A12
I
RSL
Clock to master. Interface clock used for transmitting
RSL signals to the Channel. Negative polarity.
LDQA8..LDQA0
A2, B2,A4, B4, A6, B6, A8,
B8, A10
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write
data between the Channel and the RDRAM.
LDQB8..LDQB0
B32, A32, B30, A30, B28,
A28, B26, A26, B24
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write
data between the Channel and the RDRAM.
LROW2..LROW0
B16, A18, B18
I
RSL
Row bus. 3-bit bus containing control and address
information for row accesses.
LSCK
A34
I
VCMOS
Serial clock input. Clock source used to read from and
write to the RDRAM control registers.
NC
A16, B14, A38, B38, A40,
B40, A77, B79, A43, B43,
A44, B44, A45, B45, A46,
B46, A47, B47, A48, B48,
A49, B49, A50, B50
These pads are not connected. These 24 connector
pads are reserved for future use.
RCFM
B83
I
RSL
Clock from master. Interface clock used for receiving
RSL signals from the Channel. Positive polarity.
RCFMN
B81
I
RSL
Clock from master. Interface clock used for receiving
RSL signals from the Channel. Negative polarity.
RCMD
B59
I
VCMOS
Serial Command Input used to read from and write to
the control registers. Also used for power
management.
RCOL4..RCOL0
A73, B73, A71, B71, A69
I
RSL
Column bus. 5-bit bus containing control and address
information for column accesses.
RCTM
A79
I
RSL
Clock to master. Interface clock used for transmitting
RSL signals to the Channel. Positive polarity.
RCTMN
A81
I
RSL
Clock to master. Interface clock used for transmitting
RSL signals to the Channel. Negative polarity.
RDQA8..RDQA0
A91, B91, A89, B89, A87,
B87, A85, B85, A83
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write
data between the Channel and the RDRAM.
RDQB8..RDQB0
B61, A61, B63, A63, B65,
A65, B67, A67, B69
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write
data between the Channel and the RDRAM.
RROW2..RROW0
B77, A75, B75
I
RSL
Row bus. 3-bit bus containing control and address
information for row accesses.


Similar Part No. - EBR51UC8ABFD

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBR51UC8ABKD ELPIDA-EBR51UC8ABKD Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
EBR51UC8ABKD-8C ELPIDA-EBR51UC8ABKD-8C Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
EBR51UC8ABKD-AD ELPIDA-EBR51UC8ABKD-AD Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
EBR51UC8ABKD-AE ELPIDA-EBR51UC8ABKD-AE Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
EBR51UC8ABKD-AEP ELPIDA-EBR51UC8ABKD-AEP Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
More results

Similar Description - EBR51UC8ABFD

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R512FKK8K ELPIDA-MC-4R512FKK8K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R512FKK6K ELPIDA-MC-4R512FKK6K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
EBR51UC8ABKD ELPIDA-EBR51UC8ABKD Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
EBR51EC8ABKD ELPIDA-EBR51EC8ABKD Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com