Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD2508AMTA Datasheet(PDF) 10 Page - Elpida Memory

Part # EDD2508AMTA
Description  256M bits DDR SDRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2508AMTA Datasheet(HTML) 10 Page - Elpida Memory

Back Button EDD2508AMTA Datasheet HTML 6Page - Elpida Memory EDD2508AMTA Datasheet HTML 7Page - Elpida Memory EDD2508AMTA Datasheet HTML 8Page - Elpida Memory EDD2508AMTA Datasheet HTML 9Page - Elpida Memory EDD2508AMTA Datasheet HTML 10Page - Elpida Memory EDD2508AMTA Datasheet HTML 11Page - Elpida Memory EDD2508AMTA Datasheet HTML 12Page - Elpida Memory EDD2508AMTA Datasheet HTML 13Page - Elpida Memory EDD2508AMTA Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
EDD2508AMTA, EDD2516AMTA
Preliminary Data Sheet E0405E10 (Ver. 1.0)
10
Timing Parameter Measured in Clock Cycle
Number of clock cycle
tCK
6ns
7.5ns
Parameter
Symbol
min.
max.
min.
max.
Unit
Write to pre-charge command delay (same bank)
tWPD
4 + BL/2
3 + BL/2
tCK
Read to pre-charge command delay (same bank)
tRPD
BL/2
BL/2
tCK
Write to read command delay (to input all data)
tWRD
2 + BL/2
2 + BL/2
tCK
Burst stop command to write command delay
(CL = 2)
tBSTW
2
2
tCK
(CL = 2.5)
tBSTW
3
3
tCK
Burst stop command to DQ High-Z
(CL = 2)
tBSTZ
2
2
2
2
tCK
(CL = 2.5)
tBSTZ
2.5
2.5
2.5
2.5
tCK
Read command to write command delay
(to output all data)
(CL = 2)
tRWD
2 + BL/2
2 + BL/2
tCK
(CL = 2.5)
tRWD
3 + BL/2
3 + BL/2
tCK
Pre-charge command to High-Z
(CL = 2)
tHZP
2
2
2
2
tCK
(CL = 2.5)
tHZP
2.5
2.5
2.5
2.5
tCK
Write command to data in latency
tWCD
1
1
1
1
tCK
Write recovery
tWR
3
2
tCK
DM to data in latency
tDMD
0
0
0
0
tCK
Mode register set command cycle time
tMRD
2
2
tCK
Self refresh exit to non-read command
tSNR
12
10
tCK
Self refresh exit to read command
tSRD
200
200
tCK
Power down entry
tPDEN
1
1
1
1
tCK
Power down exit to command input
tPDEX
1
1
tCK


Similar Part No. - EDD2508AMTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2508AMTA-5 ELPIDA-EDD2508AMTA-5 Datasheet
380Kb / 34P
   256M bits DDR SDRAM
EDD2508AMTA-5B ELPIDA-EDD2508AMTA-5B Datasheet
380Kb / 34P
   256M bits DDR SDRAM
EDD2508AMTA-5B-E ELPIDA-EDD2508AMTA-5B-E Datasheet
377Kb / 33P
   256M bits DDR SDRAM
EDD2508AMTA-5C ELPIDA-EDD2508AMTA-5C Datasheet
380Kb / 34P
   256M bits DDR SDRAM
More results

Similar Description - EDD2508AMTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDD2516AKTA ELPIDA-EDD2516AKTA Datasheet
509Kb / 49P
   256M bits DDR SDRAM
EDD2508ARTA-5B ELPIDA-EDD2508ARTA-5B Datasheet
380Kb / 33P
   256M bits DDR SDRAM
EDD2508AMTA-5 ELPIDA-EDD2508AMTA-5 Datasheet
380Kb / 34P
   256M bits DDR SDRAM
EDD2508AMTA-5B-E ELPIDA-EDD2508AMTA-5B-E Datasheet
377Kb / 33P
   256M bits DDR SDRAM
EDD2516AKTA-5 ELPIDA-EDD2516AKTA-5 Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516ARTA-6B ELPIDA-EDD2516ARTA-6B Datasheet
388Kb / 33P
   256M bits DDR SDRAM
EDD2508AKTA ELPIDA-EDD2508AKTA Datasheet
494Kb / 50P
   256M bits DDR SDRAM
EDD2516AMTA-6B-E ELPIDA-EDD2516AMTA-6B-E Datasheet
378Kb / 33P
   256M bits DDR SDRAM
EDD2504AJTA ELPIDA-EDD2504AJTA Datasheet
497Kb / 50P
   256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com