Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD2516AMTA-5C Datasheet(PDF) 1 Page - Elpida Memory

Part # EDD2516AMTA-5C
Description  256M bits DDR SDRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2516AMTA-5C Datasheet(HTML) 1 Page - Elpida Memory

  EDD2516AMTA-5C Datasheet HTML 1Page - Elpida Memory EDD2516AMTA-5C Datasheet HTML 2Page - Elpida Memory EDD2516AMTA-5C Datasheet HTML 3Page - Elpida Memory EDD2516AMTA-5C Datasheet HTML 4Page - Elpida Memory EDD2516AMTA-5C Datasheet HTML 5Page - Elpida Memory EDD2516AMTA-5C Datasheet HTML 6Page - Elpida Memory EDD2516AMTA-5C Datasheet HTML 7Page - Elpida Memory EDD2516AMTA-5C Datasheet HTML 8Page - Elpida Memory EDD2516AMTA-5C Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Document No. E0406E10 (Ver. 1.0)
Date Published September 2003 (K) Japan
URL: http://www.elpida.com
©Elpida Memory, Inc. 2003
PRELIMINARY DATA SHEET
256M bits DDR SDRAM
EDD2508AMTA-5 (32M words
× 8 bits, DDR400)
EDD2516AMTA-5 (16M words
× 16 bits, DDR400)
Description
The EDD2508AMTA-5 is a 256M bits Double Data
Rate (DDR) SDRAM organized as 8,388,608 words
× 8
bits
× 4 banks. The EDD2516AMTA-5 is a 256M bits
DDR SDRAM organized as 4,194,304 words
× 16 bits
× 4 banks. Read and write operations are performed at
the cross points of the CK and the /CK. This high-
speed data transfer is realized by the 2 bits prefetch-
pipelined architecture.
Data strobe (DQS) both for
read and write are available for high speed and reliable
data bus design. By setting extended mode resister,
the on-chip Delay Locked Loop (DLL) can be set
enable or disable. They are packaged in standard 66-
pin plastic TSOP (II).
Features
• 2.6 V power supply: VDDQ = 2.6V ± 0.1V
: VDD = 2.6V
± 0.1V
• Data rate: 400Mbps (max.)
• Double Data Rate architecture; two data transfers per
clock cycle
• Bi-directional, data strobe (DQS) is transmitted
/received with data, to be used in capturing data at
the receiver
• Data inputs, outputs, and DM are synchronized with
DQS
• 4 internal banks for concurrent operation
• DQS is edge aligned with data for READs; center
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Auto precharge option for each burst access
• 2.5 V (SSTL_2 compatible) I/O
• Programmable burst length (BL): 2, 4, 8
• Programmable /CAS latency (CL): 3
• Refresh cycles: 8192 refresh cycles/64ms
⎯ 7.8μs maximum average periodic refresh interval
• 2 variations of refresh
⎯ Auto refresh
⎯ Self refresh
Pin Configurations
/xxx indicates active low signal.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
66-pin plastic TSOP(II)
(Top view)
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
NC
VDDQ
NC
NC
VDD
NC
NC
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10(AP)
A0
A1
A2
A3
VDD
VSS
DQ7
VSSQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
NC
VSSQ
DQS
NC
VREF
VSS
DM
/CK
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
X 16
X 8
Address input
Bank select address
Data-input/output
Input and output data strobe
Chip select
Row address strobe command
Column address strobe command
Write enable
Input mask
Clock input
Differential clock input
Clock enable
Input reference voltage
Power for internal circuit
Ground for internal circuit
Power for DQ circuit
Ground for DQ circuit
No connection
A0 to A12
BA0, BA1
DQ0 to DQ15
DQS, UDQS, LDQS
/CS
/RAS
/CAS
/WE
DM, UDM, LDM
CK
/CK
CKE
VREF
VDD
VSS
VDDQ
VSSQ
NC
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
/CK
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10(AP)
A0
A1
A2
A3
VDD
This product became EOL in March, 2007.


Similar Part No. - EDD2516AMTA-5C

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516AMTA-6B ELPIDA-EDD2516AMTA-6B Datasheet
382Kb / 34P
   256M bits DDR SDRAM
EDD2516AMTA-6B-E ELPIDA-EDD2516AMTA-6B-E Datasheet
378Kb / 33P
   256M bits DDR SDRAM
EDD2516AMTA-7A ELPIDA-EDD2516AMTA-7A Datasheet
382Kb / 34P
   256M bits DDR SDRAM
EDD2516AMTA-7B ELPIDA-EDD2516AMTA-7B Datasheet
382Kb / 34P
   256M bits DDR SDRAM
More results

Similar Description - EDD2516AMTA-5C

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDD2516AKTA ELPIDA-EDD2516AKTA Datasheet
509Kb / 49P
   256M bits DDR SDRAM
EDD2508ARTA-5B ELPIDA-EDD2508ARTA-5B Datasheet
380Kb / 33P
   256M bits DDR SDRAM
EDD2508AMTA-5B-E ELPIDA-EDD2508AMTA-5B-E Datasheet
377Kb / 33P
   256M bits DDR SDRAM
EDD2516AKTA-5 ELPIDA-EDD2516AKTA-5 Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516ARTA-6B ELPIDA-EDD2516ARTA-6B Datasheet
388Kb / 33P
   256M bits DDR SDRAM
EDD2508AKTA ELPIDA-EDD2508AKTA Datasheet
494Kb / 50P
   256M bits DDR SDRAM
EDD2516AMTA-6B-E ELPIDA-EDD2516AMTA-6B-E Datasheet
378Kb / 33P
   256M bits DDR SDRAM
EDD2504AJTA ELPIDA-EDD2504AJTA Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2508AMTA ELPIDA-EDD2508AMTA Datasheet
382Kb / 34P
   256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com