Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB54A5129F2 Datasheet(PDF) 7 Page - Elpida Memory

Part # HB54A5129F2
Description  256MB, 512MB Registered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB54A5129F2 Datasheet(HTML) 7 Page - Elpida Memory

Back Button HB54A5129F2 Datasheet HTML 3Page - Elpida Memory HB54A5129F2 Datasheet HTML 4Page - Elpida Memory HB54A5129F2 Datasheet HTML 5Page - Elpida Memory HB54A5129F2 Datasheet HTML 6Page - Elpida Memory HB54A5129F2 Datasheet HTML 7Page - Elpida Memory HB54A5129F2 Datasheet HTML 8Page - Elpida Memory HB54A5129F2 Datasheet HTML 9Page - Elpida Memory HB54A5129F2 Datasheet HTML 10Page - Elpida Memory HB54A5129F2 Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
HB54A2569F1, HB54A5129F2
Data Sheet E0091H40 (Ver. 4.0)
7
Byte No.
Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
73
Module part number
0
1
0
0
1
0
0
0
48H
H
74
Module part number
0
1
0
0
0
0
1
0
42H
B
75
Module part number
0
0
1
1
0
1
0
1
35H
5
76
Module part number
0
0
1
1
0
1
0
0
34H
4
77
Module part number
0
1
0
0
0
0
0
1
41H
A
78
Module part number
HB54A2569F1
0
0
1
1
0
0
1
0
32H
2
HB54A5129F2
0
0
1
1
0
1
0
1
35H
5
79
Module part number
HB54A2569F1
0
0
1
1
0
1
0
1
35H
5
HB54A5129F2
0
0
1
1
0
0
0
1
31H
1
80
Module part number
HB54A2459F1
0
0
1
1
0
1
1
0
36H
6
HB54A5129F2
0
0
1
1
0
0
1
0
32H
2
81
Module part number
0
0
1
1
1
0
0
1
39H
9
82
Module part number
0
1
0
0
0
1
1
0
46H
F
83
Module part number
HB54A2569F1
0
0
1
1
0
0
0
1
31H
1
HB54A5129F2
0
0
1
1
0
0
1
0
32H
2
84
Module part number
0
0
1
0
1
1
0
1
2DH
85
Module part number
-A75B
0
1
0
0
0
0
0
1
41H
A
-B75B
0
1
0
0
0
0
1
0
42H
B
-10B
0
0
1
1
0
0
0
1
31H
1
86
Module part number
-A75B, -B75B
0
0
1
1
0
1
1
1
37H
7
-10B
0
0
1
1
0
0
0
0
30H
0
87
Module part number
-A75B, -B75B
0
0
1
1
0
1
0
1
35H
5
-10B
0
1
0
0
0
0
1
0
42H
B
88
Module part number
-A75BB, -B75B
0
1
0
0
0
0
1
0
42H
B
-10B
0
0
1
0
0
0
0
0
20H
(Space)
89 to 90
Module part number
0
0
1
0
0
0
0
0
20H
(Space)
91
Revision code
0
0
1
1
0
0
0
0
30H
Initial
92
Revision code
0
0
1
0
0
0
0
0
20H
(Space)
93
Manufacturing date
×
×
×
×
×
×
×
×
××
Year code
(BCD)
94
Manufacturing date
×
×
×
×
×
×
×
×
××
Week code
(BCD)
95 to 98
Module serial number
*
3
99 to 127
Manufacturer specific data
*
4
Notes: 1. All serial PD data are not protected. 0: Serial data, “driven Low”, 1: Serial data, “driven High” These
SPD are based on JEDEC Committee Ballot JC-42.5-99-129.
2. Byte72 is manufacturing location code. (ex: In case of Japan, byte72 is 4AH. 4AH shows “J” on ASCII
code.)
3. Bytes 95 through 98 are assembly serial number.
4. All bits of 99 through 127 are not defined (“1” or “0”).
5. These specifications are defined based on component specification, not module.


Similar Part No. - HB54A5129F2

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A5129F2U ELPIDA-HB54A5129F2U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A5129F2U-10B ELPIDA-HB54A5129F2U-10B Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A5129F2U-A75B ELPIDA-HB54A5129F2U-A75B Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A5129F2U-B75B ELPIDA-HB54A5129F2U-B75B Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
More results

Similar Description - HB54A5129F2

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
EBD25RB4ALFB ELPIDA-EBD25RB4ALFB Datasheet
164Kb / 17P
   256MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD25RB4ALFA ELPIDA-EBD25RB4ALFA Datasheet
136Kb / 17P
   256MB Registered DDR SDRAM DIMM
EBD51RD8ABFA ELPIDA-EBD51RD8ABFA Datasheet
196Kb / 19P
   512MB Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com