Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB54A2569F1-10B Datasheet(PDF) 10 Page - Elpida Memory

Part # HB54A2569F1-10B
Description  256MB, 512MB Registered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB54A2569F1-10B Datasheet(HTML) 10 Page - Elpida Memory

Back Button HB54A2569F1-10B Datasheet HTML 6Page - Elpida Memory HB54A2569F1-10B Datasheet HTML 7Page - Elpida Memory HB54A2569F1-10B Datasheet HTML 8Page - Elpida Memory HB54A2569F1-10B Datasheet HTML 9Page - Elpida Memory HB54A2569F1-10B Datasheet HTML 10Page - Elpida Memory HB54A2569F1-10B Datasheet HTML 11Page - Elpida Memory HB54A2569F1-10B Datasheet HTML 12Page - Elpida Memory HB54A2569F1-10B Datasheet HTML 13Page - Elpida Memory HB54A2569F1-10B Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HB54A2569F1, HB54A5129F2
Data Sheet E0091H40 (Ver. 4.0)
10
Differential Clock Net Wiring (CK0, /CK0)
120
240
(Typically two registers per DIMM)
0ns (nominal)
240
120
120
CK0
Notes: 1. The clock delay from the input of the PLL clock to the input of any SDRAM or register willl
be set to 0 ns (nominal).
2. Input, output and feedback clock lines are terminated from line to line as shown, and not
from line to ground.
3. Only one PLL output is shown per output type. Any additional PLL outputs will be wired
in a similar manner.
4. Termination resistors for feedback path clocks are located after the pins of the PLL.
C
/CK0
SDRAM
stack
SDRAM
stack
Register1
Register2
PLL
Feedback
IN
OUT1
OUT'N'


Similar Part No. - HB54A2569F1-10B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1U-10B ELPIDA-HB54A2569F1U-10B Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1U-A75B ELPIDA-HB54A2569F1U-A75B Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1U-B75B ELPIDA-HB54A2569F1U-B75B Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
More results

Similar Description - HB54A2569F1-10B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
EBD25RB4ALFB ELPIDA-EBD25RB4ALFB Datasheet
164Kb / 17P
   256MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD25RB4ALFA ELPIDA-EBD25RB4ALFA Datasheet
136Kb / 17P
   256MB Registered DDR SDRAM DIMM
EBD51RD8ABFA ELPIDA-EBD51RD8ABFA Datasheet
196Kb / 19P
   512MB Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com