Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB56UW873E-6F Datasheet(PDF) 2 Page - Elpida Memory

Part # HB56UW873E-6F
Description  64MB Buffered EDO DRAM DIMM 8-Mword72-bit, 4k Refresh, 1 Bank Module (9 pcs of 8M 횞 8 components)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB56UW873E-6F Datasheet(HTML) 2 Page - Elpida Memory

  HB56UW873E-6F Datasheet HTML 1Page - Elpida Memory HB56UW873E-6F Datasheet HTML 2Page - Elpida Memory HB56UW873E-6F Datasheet HTML 3Page - Elpida Memory HB56UW873E-6F Datasheet HTML 4Page - Elpida Memory HB56UW873E-6F Datasheet HTML 5Page - Elpida Memory HB56UW873E-6F Datasheet HTML 6Page - Elpida Memory HB56UW873E-6F Datasheet HTML 7Page - Elpida Memory HB56UW873E-6F Datasheet HTML 8Page - Elpida Memory HB56UW873E-6F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
HB56UW873E-F
Data Sheet E0102H10
2
• 2 variations of refresh
 RAS-only refresh
 CAS-before-RAS refresh
Ordering Information
Type No.
Access time
Package
Contact pad
HB56UW873E-5F
HB56UW873E-6F
50 ns
60 ns
168-pin dual lead out socket type
Gold
Pin Arrangement
1 pin 10 pin 11 pin
40 pin 41 pin
84 pin
85 pin 94 pin 95 pin 124 pin 125 pin
168 pin
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1V
SS
43
V
SS
85
V
SS
127
V
SS
2
DQ0
44
OE2
86
DQ36
128
NC
3
DQ1
45
RE2
87
DQ37
129
NC
4
DQ2
46
CE4
88
DQ38
130
NC
5
DQ3
47
NC
89
DQ39
131
NC
6V
CC
48
WE2
90
V
CC
132
PDE
7
DQ4
49
V
CC
91
DQ40
133
VCC
8
DQ5
50
NC
92
DQ41
134
NC
9
DQ6
51
NC
93
DQ42
135
NC
10
DQ7
52
DQ18
94
DQ43
136
DQ54
11
DQ8
53
DQ19
95
DQ44
137
DQ55
12
V
SS
54
V
SS
96
V
SS
138
V
SS
13
DQ9
55
DQ20
97
DQ45
139
DQ56
14
DQ10
56
DQ21
98
DQ46
140
DQ57
15
DQ11
57
DQ22
99
DQ47
141
DQ58
16
DQ12
58
DQ23
100
DQ48
142
DQ59
17
DQ13
59
V
CC
101
DQ49
143
V
CC


Similar Part No. - HB56UW873E-6F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB56UW1673E-5F ELPIDA-HB56UW1673E-5F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW1673E-6F ELPIDA-HB56UW1673E-6F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW1673E-F ELPIDA-HB56UW1673E-F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW3272ETK-5F ELPIDA-HB56UW3272ETK-5F Datasheet
222Kb / 27P
   256MB Buffered EDO DRAM DIMM 32-Mword 횞 72-bit, 4k Refresh, 2 Bank Module (36 pcs of 16M 횞 4 components)
HB56UW3272ETK-6F ELPIDA-HB56UW3272ETK-6F Datasheet
222Kb / 27P
   256MB Buffered EDO DRAM DIMM 32-Mword 횞 72-bit, 4k Refresh, 2 Bank Module (36 pcs of 16M 횞 4 components)
More results

Similar Description - HB56UW873E-6F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB56UW1673E-F ELPIDA-HB56UW1673E-F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW3272ETK-F ELPIDA-HB56UW3272ETK-F Datasheet
222Kb / 27P
   256MB Buffered EDO DRAM DIMM 32-Mword 횞 72-bit, 4k Refresh, 2 Bank Module (36 pcs of 16M 횞 4 components)
HM5113165FTD-6 ELPIDA-HM5113165FTD-6 Datasheet
257Kb / 27P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HB56SW3272ESK-5 HITACHI-HB56SW3272ESK-5 Datasheet
338Kb / 29P
   256MB Buffered EDO DRAM DIMM 32-Mword x 72-bit, 4k Refresh, 2 Bank Module(36 pcs of 16M x 4 components)
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com