Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5165165FJ-5 Datasheet(PDF) 1 Page - Elpida Memory

Part # HM5165165FJ-5
Description  64M EDO DRAM (4-Mword16-bit) 8k refresh/4k refresh
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5165165FJ-5 Datasheet(HTML) 1 Page - Elpida Memory

  HM5165165FJ-5 Datasheet HTML 1Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 2Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 3Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 4Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 5Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 6Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 7Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 8Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
HM5164165F Series
HM5165165F Series
64M EDO DRAM (4-Mword
× 16-bit)
8k refresh/4k refresh
E0099H10 (1st edition)
(Previous ADE-203-1058C(Z))
Jan. 31, 2001
Description
The HM5164165F Series, HM5165165F Series are 64M-bit dynamic RAMs organized as 4,194,304-word
× 16-bit. They have realized high performance and low power by employing CMOS process technology.
HM5164165F Series, HM5165165F Series offer Extended Data Out (EDO) Page Mode as a high speed access
mode. They have the package variations of standard 50-pin plastic SOJ and standerd 50-pin plastic TSOPII
Features
• Single 3.3 V supply: 3.3 V ± 0.3 V
• Access time: 50 ns/60 ns (max)
• Power dissipation
⎯ Active: 432 mW/396 mW (max) (HM5164165F Series)
: 504 mW/432 mW (max) (HM5165165F Series)
⎯ Standby : 1.8 mW (max) (CMOS interface)
: 1.1 mW (max) (L-version)
• EDO page mode capability
• Refresh cycles
⎯ RAS-only refresh
8192 cycles /64 ms (HM5164165F, HM5164165FL)
4096 cycles /64 ms (HM5165165F, HM5165165FL)
⎯ CBR/Hidden refresh
4096 cycles /64 ms (HM5164165F, HM5164165FL, HM5165165F, HM5165165FL)
This product became EOL in December, 2006.


Similar Part No. - HM5165165FJ-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5165165FJ-5 HITACHI-HM5165165FJ-5 Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
More results

Similar Description - HM5165165FJ-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5113165FTD-6 ELPIDA-HM5113165FTD-6 Datasheet
257Kb / 27P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com