Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5165165FJ-5 Datasheet(PDF) 3 Page - Elpida Memory

Part # HM5165165FJ-5
Description  64M EDO DRAM (4-Mword16-bit) 8k refresh/4k refresh
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5165165FJ-5 Datasheet(HTML) 3 Page - Elpida Memory

  HM5165165FJ-5 Datasheet HTML 1Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 2Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 3Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 4Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 5Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 6Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 7Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 8Page - Elpida Memory HM5165165FJ-5 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
HM5164165F Series, HM5165165F Series
Data Sheet E0099H10
3
Pin Arrangement (HM5164165F Series)
VSS
I/O15
I/O14
I/O13
I/O12
VSS
I/O11
I/O10
I/O9
I/O8
NC
VSS
LCAS
UCAS
OE
NC
NC
A12
A11
A10
A9
A8
A7
A6
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
VCC
WE
RAS
NC
NC
NC
NC
A0
A1
A2
A3
A4
A5
VCC
50-pin TSOP
(Top view)
VSS
I/O15
I/O14
I/O13
I/O12
VSS
I/O11
I/O10
I/O9
I/O8
NC
VSS
LCAS
UCAS
OE
NC
NC
A12
A11
A10
A9
A8
A7
A6
VSS
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
VCC
WE
RAS
NC
NC
NC
NC
A0
A1
A2
A3
A4
A5
VCC
50-pin SOJ
(Top view)
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Pin Description
Pin name
Function
A0 to A12
Address input
— Row/Refresh address A0 to A12
— Column address
A0 to A8
I/O0 to I/O15
Data input/output
RAS
Row address strobe
UCAS, LCAS
Column address strobe
WE
Write enable
OE
Output enable
V
CC
Power supply
V
SS
Ground
NC
No connection


Similar Part No. - HM5165165FJ-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5165165FJ-5 HITACHI-HM5165165FJ-5 Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
More results

Similar Description - HM5165165FJ-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5113165FTD-6 ELPIDA-HM5113165FTD-6 Datasheet
257Kb / 27P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com