Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52R329E22-B6F Datasheet(PDF) 6 Page - Elpida Memory

Part # HB52R329E22-B6F
Description  256 MB Registered SDRAM DIMM 32-Mword72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 16 M 횞 4 Components) PC100 SDRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52R329E22-B6F Datasheet(HTML) 6 Page - Elpida Memory

Back Button HB52R329E22-B6F Datasheet HTML 2Page - Elpida Memory HB52R329E22-B6F Datasheet HTML 3Page - Elpida Memory HB52R329E22-B6F Datasheet HTML 4Page - Elpida Memory HB52R329E22-B6F Datasheet HTML 5Page - Elpida Memory HB52R329E22-B6F Datasheet HTML 6Page - Elpida Memory HB52R329E22-B6F Datasheet HTML 7Page - Elpida Memory HB52R329E22-B6F Datasheet HTML 8Page - Elpida Memory HB52R329E22-B6F Datasheet HTML 9Page - Elpida Memory HB52R329E22-B6F Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
HB52R329E22-F
Data Sheet No. E0112H10
6
Serial PD Matrix*
1
Byte No. Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value Comments
0
Number of bytes used by
module manufacturer
1000000080
128
1
Total SPD memory size
0000100008
256 byte
2
Memory type
0000010004
SDRAM
3
Number of row addresses bits000011000C
12
4
Number of column addresses
bits
000010100A
10
5
Number of banks
0000001002
2
6
Module data width
0100100048
72 bit
7
Module data width (continued)
0000000000
0 (+)
8
Module interface signal levels
0000000101
LVTTL
9
SDRAM cycle time
(highest
CE latency)
10 ns
10100000A0
CL = 3
10
SDRAM access from Clock
(highest
CE latency)
6 ns
0110000060
*
3
11
Module configuration type
0000001002
ECC
12
Refresh rate/type
1000000080
Normal
(15.625 µs)
Self refresh
13
SDRAM width
0000010004
16M
× 4
14
Error checking SDRAM width
0000010004
× 4
15
SDRAM device attributes:
minimum clock delay for back-to-
back random column addresses
0000000101
1 CLK
16
SDRAM device attributes:
Burst lengths supported
100011118F
1, 2, 4, 8,
full page
17
SDRAM device attributes:
number of banks on SDRAM
device
0000010004
4
18
SDRAM device attributes:
CE latency
(-A6F)
0000011006
2, 3
(-B6F)
0000010004
3
19
SDRAM device attributes:
S latency
0000000101
0


Similar Part No. - HB52R329E22-B6F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52R1289E22 ELPIDA-HB52R1289E22 Datasheet
168Kb / 18P
   1 GB Registered SDRAM DIMM 1 GB Registered SDRAM DIMM (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52R1289E22-A6B ELPIDA-HB52R1289E22-A6B Datasheet
168Kb / 18P
   1 GB Registered SDRAM DIMM 1 GB Registered SDRAM DIMM (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52R1289E22-B6B ELPIDA-HB52R1289E22-B6B Datasheet
168Kb / 18P
   1 GB Registered SDRAM DIMM 1 GB Registered SDRAM DIMM (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52R1289E2U-A6B ELPIDA-HB52R1289E2U-A6B Datasheet
166Kb / 22P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52R1289E2U-B6B ELPIDA-HB52R1289E2U-B6B Datasheet
166Kb / 22P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
More results

Similar Description - HB52R329E22-B6F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RD328DC-F ELPIDA-HB52RD328DC-F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52R1289E2U-A6B ELPIDA-HB52R1289E2U-A6B Datasheet
166Kb / 22P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52D328DC-B ELPIDA-HB52D328DC-B Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
   32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
HB52RD168GB-F ELPIDA-HB52RD168GB-F Datasheet
115Kb / 22P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RF1289E2U-75B ELPIDA-HB52RF1289E2U-75B Datasheet
157Kb / 20P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2-75B ELPIDA-HB52RF1289E2-75B Datasheet
167Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2 ELPIDA-HB52RF1289E2 Datasheet
161Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com