Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5164165FTT-5 Datasheet(PDF) 7 Page - Elpida Memory

Part # HM5164165FTT-5
Description  64M EDO DRAM (4-Mword16-bit) 8k refresh/4k refresh
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5164165FTT-5 Datasheet(HTML) 7 Page - Elpida Memory

Back Button HM5164165FTT-5 Datasheet HTML 3Page - Elpida Memory HM5164165FTT-5 Datasheet HTML 4Page - Elpida Memory HM5164165FTT-5 Datasheet HTML 5Page - Elpida Memory HM5164165FTT-5 Datasheet HTML 6Page - Elpida Memory HM5164165FTT-5 Datasheet HTML 7Page - Elpida Memory HM5164165FTT-5 Datasheet HTML 8Page - Elpida Memory HM5164165FTT-5 Datasheet HTML 9Page - Elpida Memory HM5164165FTT-5 Datasheet HTML 10Page - Elpida Memory HM5164165FTT-5 Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
HM5164165F Series, HM5165165F Series
Data Sheet E0099H10
7
Operation Table
RAS
LCAS UCAS WE
OE
I/O 0 to I/O 7
I/O 8 to I/O 15 Operation
H
××××
High-Z
High-Z
Standby
L
L
H
H
L
Dout
High-Z
Read cycle
L
H
L
H
L
High-Z
Dout
LLLH
L
Dout
Dout
LLH
L*
2
×
Din
×
Early write cycle
LH
LL*
2
××
Din
LLLL*
2
×
Din
Din
LLH
L*
2
H
Din
×
Delayed write cycle
LH
LL*
2
H
×
Din
LLLL*
2
H
Din
Din
L
L
H
H to L
L to H
Dout/Din
High-Z
Read-modify-write cycle
L
H
L
H to L
L to H
High-Z
Dout/Din
LLLH to L
L to H
Dout/Din
Dout/Din
LH
H
××
High-Z
High-Z
RAS-only refresh cycle
H to L
H
L
H
×
High-Z
High-Z
CAS-before-RAS refresh cycle or
H to L
L
H
H
×
High-Z
High-Z
Self refresh cycle (L-version)
H to L
L
L
H
×
High-Z
High-Z
L
L
L
H
H
High-Z
High-Z
Read cycle (Output disabled)
Notes: 1. H: V
IH (inactive)
L: V
IL (active)
×: V
IH or VIL
2. t
WCS
≥ 0 ns: Early write cycle
t
WCS < 0 ns:
Delayed write cycle
3. Mode is determined by the OR function of the
UCAS and LCAS. (Mode is set by the earliestof UCAS
and
LCAS active edge and reset by the latest of UCAS and LCAS inactive edge.) However write
operation and output High-Z control are done independently by each
UCAS, LCAS.
ex. if
RAS = H to L, LCAS = L, UCAS = H, then CAS-before-RAS refresh cycle is selected.


Similar Part No. - HM5164165FTT-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5164165FTT-5 HITACHI-HM5164165FTT-5 Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
More results

Similar Description - HM5164165FTT-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5113165FTD-6 ELPIDA-HM5113165FTD-6 Datasheet
257Kb / 27P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com