Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD2504AJTA-7B Datasheet(PDF) 8 Page - Elpida Memory

Part # EDD2504AJTA-7B
Description  256M bits DDR SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2504AJTA-7B Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDD2504AJTA-7B Datasheet HTML 4Page - Elpida Memory EDD2504AJTA-7B Datasheet HTML 5Page - Elpida Memory EDD2504AJTA-7B Datasheet HTML 6Page - Elpida Memory EDD2504AJTA-7B Datasheet HTML 7Page - Elpida Memory EDD2504AJTA-7B Datasheet HTML 8Page - Elpida Memory EDD2504AJTA-7B Datasheet HTML 9Page - Elpida Memory EDD2504AJTA-7B Datasheet HTML 10Page - Elpida Memory EDD2504AJTA-7B Datasheet HTML 11Page - Elpida Memory EDD2504AJTA-7B Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
EDD2504AJTA, EDD2508AJTA
Preliminary Data Sheet E0145E50 (Ver. 5.0)
8
Test Conditions
Parameter
Symbol
Value
Unit
Input reference voltage
VREF
VDDQ/2
V
Termination voltage
VTT
VREF
V
Input high voltage
VIH (AC)
VREF
+ 0.31
V
Input low voltage
VIL (AC)
VREF
− 0.31
V
Input differential voltage, CK and /CK
inputs
VID (AC)
0.62
V
Input differential cross point voltage,
CK and /CK inputs
VIX (AC)
VREF
V
Input signal slew rate
SLEW
1
V/ns
VTT
VREF
/CK
CK
VREF
VSS
SLEW = (VIH (AC) – VIL (AC))/
Δt
Measurement point
VIH
VIL
VDD
VDD
VSS
DQ
RT = 50
Ω
CL = 30pF
VIX
Δt
tCL
tCK
tCH
VID
Input Waveforms and Output Load


Similar Part No. - EDD2504AJTA-7B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2504AKTA ELPIDA-EDD2504AKTA Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2504AKTA-6B ELPIDA-EDD2504AKTA-6B Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2504AKTA-6B-E ELPIDA-EDD2504AKTA-6B-E Datasheet
555Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2504AKTA-7A ELPIDA-EDD2504AKTA-7A Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2504AKTA-7A-E ELPIDA-EDD2504AKTA-7A-E Datasheet
555Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
More results

Similar Description - EDD2504AJTA-7B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDD2516AKTA ELPIDA-EDD2516AKTA Datasheet
509Kb / 49P
   256M bits DDR SDRAM
EDD2508ARTA-5B ELPIDA-EDD2508ARTA-5B Datasheet
380Kb / 33P
   256M bits DDR SDRAM
EDD2508AMTA-5 ELPIDA-EDD2508AMTA-5 Datasheet
380Kb / 34P
   256M bits DDR SDRAM
EDD2508AMTA-5B-E ELPIDA-EDD2508AMTA-5B-E Datasheet
377Kb / 33P
   256M bits DDR SDRAM
EDD2516AKTA-5 ELPIDA-EDD2516AKTA-5 Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516ARTA-6B ELPIDA-EDD2516ARTA-6B Datasheet
388Kb / 33P
   256M bits DDR SDRAM
EDD2508AKTA ELPIDA-EDD2508AKTA Datasheet
494Kb / 50P
   256M bits DDR SDRAM
EDD2516AMTA-6B-E ELPIDA-EDD2516AMTA-6B-E Datasheet
378Kb / 33P
   256M bits DDR SDRAM
EDD2508AMTA ELPIDA-EDD2508AMTA Datasheet
382Kb / 34P
   256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com