Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5116405S-5 Datasheet(PDF) 9 Page - Elpida Memory

Part # HM5116405S-5
Description  16 M EDO DRAM (4-Mword4-bit) 4 k Refresh/2 k Refresh
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5116405S-5 Datasheet(HTML) 9 Page - Elpida Memory

Back Button HM5116405S-5 Datasheet HTML 5Page - Elpida Memory HM5116405S-5 Datasheet HTML 6Page - Elpida Memory HM5116405S-5 Datasheet HTML 7Page - Elpida Memory HM5116405S-5 Datasheet HTML 8Page - Elpida Memory HM5116405S-5 Datasheet HTML 9Page - Elpida Memory HM5116405S-5 Datasheet HTML 10Page - Elpida Memory HM5116405S-5 Datasheet HTML 11Page - Elpida Memory HM5116405S-5 Datasheet HTML 12Page - Elpida Memory HM5116405S-5 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
HM5116405 Series, HM5117405 Series
Data Sheet E0151H10
9
DC Characteristics
(Ta = 0 to +70˚C, V
CC = 5 V ± 10%, VSS = 0 V) (HM5117405 Series)
HM5117405
-5
-6
-7
Parameter
Symbol
Min Max Min Max Min Max Unit
Test conditions
Operating current*
1
, *2
I
CC1
100 —
90
80
mA
t
RC = min
Standby current
I
CC2
2
2
2
mA
TTL interface
RAS, CAS = V
IH
Dout = High-Z
1
1
1
mA
CMOS interface
RAS, CAS
≥ V
CC – 0.2 V
Dout = High-Z
Standby current
(L-version)
I
CC2
150 —
150 —
150 µA
CMOS interface
RAS, CAS
≥ V
CC – 0.2 V
Dout = High-Z
RAS-only refresh current*
2
I
CC3
100 —
90
80
mA
t
RC = min
Standby current*
1
I
CC5
—5
—5
5
mA
RAS = V
IH
CAS = V
IL
Dout = enable
CAS-before-RAS refresh
current
I
CC6
100 —
90
80
mA
t
RC = min
EDO page mode current*
1, *3 I
CC7
90
80
—75mA
t
HPC = min
Battery backup current
I
CC10
350 —
350 —
350 µA
CMOS interface
Dout = High-Z, CBR
refresh: t
RC = 62.5 µs
t
RAS ≤ 0.3 µs
Input leakage current
I
LI
–10 10
–10 10
–10 10
µA
0 V
≤ Vin ≤ 7 V
Output leakage current
I
LO
–10 10
–10 10
–10 10
µA
0 V
≤ Vin ≤ 7 V
Dout = disable
Output high voltage
V
OH
2.4
V
CC
2.4
V
CC
2.4
V
CC
V
High Iout = –2 mA
Output low voltage
V
OL
0
0.4
0
0.4
0
0.4
V
Low Iout = 2 mA
Notes : 1. I
CC depends on output load condition when the device is selected.
I
CC max is specified at the
output open condition.
2. Address can be changed once or less while
RAS = V
IL.
3. Address can be changed once or less while
CAS = V
IH.


Similar Part No. - HM5116405S-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5116405S-5 HITACHI-HM5116405S-5 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results

Similar Description - HM5116405S-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
   16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Hitachi Semiconductor
HM5164805F HITACHI-HM5164805F Datasheet
490Kb / 35P
   64 MEDO DRAM (8-Mword X 8-bit) 8 k Refresh/4 k Refresh
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com