Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5116405S-5 Datasheet(PDF) 1 Page - Elpida Memory

Part # HM5116405S-5
Description  16 M EDO DRAM (4-Mword4-bit) 4 k Refresh/2 k Refresh
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5116405S-5 Datasheet(HTML) 1 Page - Elpida Memory

  HM5116405S-5 Datasheet HTML 1Page - Elpida Memory HM5116405S-5 Datasheet HTML 2Page - Elpida Memory HM5116405S-5 Datasheet HTML 3Page - Elpida Memory HM5116405S-5 Datasheet HTML 4Page - Elpida Memory HM5116405S-5 Datasheet HTML 5Page - Elpida Memory HM5116405S-5 Datasheet HTML 6Page - Elpida Memory HM5116405S-5 Datasheet HTML 7Page - Elpida Memory HM5116405S-5 Datasheet HTML 8Page - Elpida Memory HM5116405S-5 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
HM5116405 Series
HM5117405 Series
16 M EDO DRAM (4-Mword
× 4-bit)
4 k Refresh/2 k Refresh
E0151H10 (Ver. 1.0)
(Previous ADE-203-633D (Z))
Jul. 6, 2001 (K)
Description
The HM5116405 Series, HM5117405 Series are CMOS dynamic RAMs organized 4,194,304-word
× 4-bit.
They employ the most advanced CMOS technology for high performance and low power.
The
HM5116405 Series, HM5117405 Series offer Extended Data Out (EDO) Page Mode as a high speed
access mode. They have package variations of standard 26-pin plastic SOJ and standard 26-pin plastic
TSOP II.
Features
• Single 5 V (±10%)
• Access time: 50 ns/60 ns/70 ns (max)
• Power dissipation
 Active mode : 495 mW/440 mW/385 mW (max) (HM5116405 Series)
: 550 mW/495 mW/440 mW (max) (HM5117405 Series)
 Standby mode : 11 mW (max)
: 0.83 mW (max) (L-version)
• EDO page mode capability
• Long refresh period
 4096 refresh cycles : 64 ms (HM5116405 Series)
: 128 ms (L-version)
 2048 refresh cycles : 32 ms (HM5117405 Series)
: 128 ms (L-version)
• 3 variations of refresh
 RAS-only refresh
 CAS-before-RAS refresh
 Hidden refresh


Similar Part No. - HM5116405S-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5116405S-5 HITACHI-HM5116405S-5 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results

Similar Description - HM5116405S-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
   16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Hitachi Semiconductor
HM5164805F HITACHI-HM5164805F Datasheet
490Kb / 35P
   64 MEDO DRAM (8-Mword X 8-bit) 8 k Refresh/4 k Refresh
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com