Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5264805F-B60 Datasheet(PDF) 2 Page - Elpida Memory

Part # HM5264805F-B60
Description  64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword16-bit4-bank/2-Mword8-bit4-bank /4-Mword4-bit4-bank PC/133, PC/100 SDRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5264805F-B60 Datasheet(HTML) 2 Page - Elpida Memory

  HM5264805F-B60 Datasheet HTML 1Page - Elpida Memory HM5264805F-B60 Datasheet HTML 2Page - Elpida Memory HM5264805F-B60 Datasheet HTML 3Page - Elpida Memory HM5264805F-B60 Datasheet HTML 4Page - Elpida Memory HM5264805F-B60 Datasheet HTML 5Page - Elpida Memory HM5264805F-B60 Datasheet HTML 6Page - Elpida Memory HM5264805F-B60 Datasheet HTML 7Page - Elpida Memory HM5264805F-B60 Datasheet HTML 8Page - Elpida Memory HM5264805F-B60 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
HM5264165F/HM5264805F/HM5264405F-75/A60/B60
Data Sheet E0135H10
2
• Programmable CAS latency: 2/3
• Byte control by DQM:DQM (HM5264805F/HM5264405F)
DQMU/DQML (HM5264165F)
• Refresh cycles: 4096 refresh cycles/64 ms
• 2 variations of refresh
 Auto refresh
 Self refresh
• Full page burst length capability
 Sequential burst
 Burst stop capability
Ordering Information
Type No.
Frequency
CAS latency
Package
HM5264165FTT-75*
1
HM5264165FTT-A60
HM5264165FTT-B60
*2
133 MHz
100 MHz
100 MHz
3
2/3
3
400-mil 54-pin plastic TSOP II (TTP-54D)
HM5264165FLTT-75
*1
HM5264165FLTT-A60
HM5264165FLTT-B60
*2
133 MHz
100 MHz
100 MHz
3
2/3
3
HM5264805FTT-75
*1
HM5264805FTT-A60
HM5264805FTT-B60
*2
133 MHz
100 MHz
100 MHz
3
2/3
3
HM5264805FLTT-75
*1
HM5264805FLTT-A60
HM5264805FLTT-B60
*2
133 MHz
100 MHz
100 MHz
3
2/3
3
HM5264405FTT-75
*1
HM5264405FTT-A60
HM5264405FTT-B60
*2
133 MHz
100 MHz
100 MHz
3
2/3
3
HM5264405FLTT-75
*1
HM5264405FLTT-A60
HM5264405FLTT-B60
*2
133 MHz
100 MHz
100 MHz
3
2/3
3
Note:
1. 100 MHz operation at
CAS latency = 2.
2. 66 MHz operation at
CAS latency = 2.


Similar Part No. - HM5264805F-B60

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5264805F-B60 HITACHI-HM5264805F-B60 Datasheet
870Kb / 67P
   64M LVTTL interface SDRAM 133 MHz/100 MHz
More results

Similar Description - HM5264805F-B60

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
HM5425161B ELPIDA-HM5425161B Datasheet
489Kb / 65P
   256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
HM5225645F HITACHI-HM5225645F Datasheet
81Kb / 16P
   256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
logo
Elpida Memory
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com