Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM51W16165LJ-7 Datasheet(PDF) 11 Page - Elpida Memory

Part # HM51W16165LJ-7
Description  16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM51W16165LJ-7 Datasheet(HTML) 11 Page - Elpida Memory

Back Button HM51W16165LJ-7 Datasheet HTML 7Page - Elpida Memory HM51W16165LJ-7 Datasheet HTML 8Page - Elpida Memory HM51W16165LJ-7 Datasheet HTML 9Page - Elpida Memory HM51W16165LJ-7 Datasheet HTML 10Page - Elpida Memory HM51W16165LJ-7 Datasheet HTML 11Page - Elpida Memory HM51W16165LJ-7 Datasheet HTML 12Page - Elpida Memory HM51W16165LJ-7 Datasheet HTML 13Page - Elpida Memory HM51W16165LJ-7 Datasheet HTML 14Page - Elpida Memory HM51W16165LJ-7 Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
HM51W16165 Series, HM51W18165 Series
Data Sheet E0153H10
11
AC Characteristics (Ta = 0 to +70°C, V
CC = 3.3 V ± 0.3 V, VSS = 0 V)*
1, *2, *18, *19, *20
Test Conditions
• Input rise and fall time: 2 ns
• Input levels: 0 V, 3.0 V
• Input timing reference levels: 0.8 V, 2.0 V
• Output timing reference levels: 0.8 V, 2.0 V
• Output load: 1 TTL gate + C
L (100 pF) (Including scope and jig)
Read, Write, Read-Modify-Write and Refresh Cycles (Common parameters)
HM51W16165/HM51W18165
-5
-6
-7
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Random read or write cycle time
t
RC
84
104
124
ns
RAS precharge time
t
RP
30
40
50
ns
CAS precharge time
t
CP
8—10
13
—ns
RAS pulse width
t
RAS
50
10000 60
10000 70
10000 ns
CAS pulse width
t
CAS
8
10000 10
10000 13
10000 ns
Row address setup time
t
ASR
0—0—0—ns
Row address hold time
t
RAH
8—10
10
—ns
Column address setup time
t
ASC
0—0—0—ns
21
Column address hold time
t
CAH
8—10
13
—ns
21
RAS to CAS delay time
t
RCD
12
37
14
45
14
52
ns
3
RAS to column address delay time t
RAD
10
25
12
30
12
35
ns
4
RAS hold time
t
RSH
10
13
13
ns
CAS hold time
t
CSH
35
40
45
ns
23
CAS to RAS precharge time
t
CRP
5—5—5—ns
22
OE to Din delay time
t
OED
13
15
18
ns
5
OE delay time from Din
t
DZO
0—0—0—ns
6
CAS delay time from Din
t
DZC
0—0—0—ns
6
Transition time (rise and fall)
t
T
250
2
50
250
ns
7


Similar Part No. - HM51W16165LJ-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM51W16165LJ-7 HITACHI-HM51W16165LJ-7 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
More results

Similar Description - HM51W16165LJ-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Hitachi Semiconductor
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Elpida Memory
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
   16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com