Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5316123BF-10 Datasheet(PDF) 6 Page - Elpida Memory

Part # HM5316123BF-10
Description  131,072-word x 16-bit Multiport CMOS Video RAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5316123BF-10 Datasheet(HTML) 6 Page - Elpida Memory

Back Button HM5316123BF-10 Datasheet HTML 2Page - Elpida Memory HM5316123BF-10 Datasheet HTML 3Page - Elpida Memory HM5316123BF-10 Datasheet HTML 4Page - Elpida Memory HM5316123BF-10 Datasheet HTML 5Page - Elpida Memory HM5316123BF-10 Datasheet HTML 6Page - Elpida Memory HM5316123BF-10 Datasheet HTML 7Page - Elpida Memory HM5316123BF-10 Datasheet HTML 8Page - Elpida Memory HM5316123BF-10 Datasheet HTML 9Page - Elpida Memory HM5316123BF-10 Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
HM5316123B Series
CAS (input pin): Column address and DSF1
signals are fetched into chip at the falling edge of
CAS, which determines the operation mode of the
HM5316123B.
CAS controls output impedance of
I/O in RAM.
A0 – A8 (input pins): Row address (AX0 – AX8)
is determined by A0 – A8 level at the falling edge
of
RAS. Column address (AY0 – AY7) is
determined by A0 – A7 level at the falling edge of
CAS. In transfer cycles, row address is the address
on the word line which transfers data with SAM
data register, and column address is the SAM start
address after transfer.
WEU and WEL (Input pins): WEU and WEL pins
have two functions at the falling edge of
RAS and
after. When either
WEU or WEL is low at the
falling edge of
RAS, the HM5316123B turns to
mask write mode. According to the I/O level at the
time, write on each I/O can be masked. (
WEU and
WEL levels at the falling edge of RAS is don’t
care in read cycle.) When both
WEU and WEL
are high at the falling edge of
RAS, a no mask
write cycle is executed. After that,
WEU and
WEL switch read/write cycles. Both WEU and
WEL must be held high in a read cycle. In a
transfer cycle, the direction of transfer is
determined by
WEU and WEL levels at the falling
edge of
RAS. When either WEU or WEL is low,
data is transferred from SAM to RAM (data is
written into RAM), and when both
WEU and WEL
are high, data is transferred from RAM to SAM
(data is read from RAM).
I/O0 – I/O15 (input/output pins): I/O pins function
as mask data at the falling edge of
RAS (in mask
write mode). Data is written only to high I/O pins.
Data on low I/O pins are masked and internal data
are retained.
After that, they function as
inut/output pins as those of a standard DRAM. In
block write cycle, they function as column mask
data at the falling edges of
CAS, and WEU or
WEL.
DT/OE (input pin): DT/OE pin functions as DT
(data transfer) pin at the falling edge of
RAS and
as
OE (output enable) pin after that. When DT is
low at the falling edge of
RAS, this cycle becomes
a transfer cycle. When
DT is high at the falling
edge
of
RAS, RAM and SAM operate
independently.
SC (input pin): SC is a basic SAM clock. In a
serial read cycle, data outputs from an SI/O pin
synchronously with the rising edge of SC. In a
serial write cycle, data on an SI/O pin at the rising
edge of SC is fetched into the SAM data register.
SE (input pin): SE pin activates SAM. When SE is
high, SI/O is in the high impedance state in serial
read cycle and data on SI/O is not fetched into the
SAM data register in serial write cycle.
SE can be
used as a mask for serial write because the internal
pointer is incremented at the rising edge of SC.
SI/O0 – SI/O15 (input/output pins): SI/Os are
input/output pins in SAM.
Direction of
input/output is determined by the previous transfer
cycle. When it was a read transfer cycle, SI/O
outputs data. When it was a masked write transfer
cycle, SI/O inputs data.
DSF1 (input pin): DSF1 is a special function data
input flag pin. It is set to high at the falling edge
of
RAS when new functions such as color register
and mask register read/write, split transfer, and
flash write, are used.
DSF2 (input pin): DSF2 is also a special function
data input flag pin. This pin is fixed to low level in
all operations of the HM5316123B.
QSF (output pin): QSF outputs data of address A7
in SAM. QSF is switched from low to high by
accessing address 127 in SAM and from high to
low by accessing address 255 in SAM.
Preliminary Data Sheet E0160H10


Similar Part No. - HM5316123BF-10

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5310 HMSEMI-HM5310 Datasheet
1Mb / 5P
   Input 5V to 35V output 100V 1A asynchronous boost converter
HM5312 HMSEMI-HM5312 Datasheet
499Kb / 16P
   Low Quiescent Current_Low Dropout CMOS Voltage Regulator
HM5315 HMSEMI-HM5315 Datasheet
499Kb / 16P
   Low Quiescent Current_Low Dropout CMOS Voltage Regulator
HM5315A HMSEMI-HM5315A Datasheet
443Kb / 9P
   boost high-power LED constant current duriver
HM5315B HMSEMI-HM5315B Datasheet
954Kb / 9P
   boost high-power LED constant current duriver
More results

Similar Description - HM5316123BF-10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
OKI electronic componet...
MSM518122 OKI-MSM518122 Datasheet
624Kb / 45P
   131,072-Word x 8-Bit Multiport DRAM
MSM518121A OKI-MSM518121A Datasheet
356Kb / 33P
   131,072-Word X 8-Bit Multiport DRAM
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
logo
Austin Semiconductor
SM55161A AUSTIN-SM55161A Datasheet
1Mb / 64P
   262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
logo
Toshiba Semiconductor
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com