Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1511 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1511
Description  PWM CONTROL 5A STEP-DOWN CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1511 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP1511 Datasheet HTML 1Page - Diodes Incorporated AP1511 Datasheet HTML 2Page - Diodes Incorporated AP1511 Datasheet HTML 3Page - Diodes Incorporated AP1511 Datasheet HTML 4Page - Diodes Incorporated AP1511 Datasheet HTML 5Page - Diodes Incorporated AP1511 Datasheet HTML 6Page - Diodes Incorporated AP1511 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP1511
PWM CONTROL 5A STEP-DOWN CONVERTER
AP1511 Rev. 1
6 of 7
NOVEMBER 2007
www.diodes.com
© Diodes Incorporated
Test Circuit
A
FB
VCC
VSS
EN
open
open
FB
VCC
VSS
EN
+
-
OUTPUT
OUTPUT
A
FB
VCC
VSS
EN
+
-
+
-
V
OUTPUT
OCSET
OCSET
OCSET
PVcc
PVcc
PVcc
Enable function test
Feedback function test
Operation function test
1K
3K
1.2K
6.8K
1K
33K
Function Description
PWM Control
The AP1511 consists of DC/DC converters that employ a pulse-width modulation (PWM) system. In converters of the AP1511, the
pulse width varies in a range from 0 to 100%, according to the load current. The ripple voltage produced by the switching can easily be
removed through a filter because the switching frequency remains constant. Therefore, these converters provide a low-ripple power over
broad ranges of input voltage and load current.
Not Recommended
for New Designs


Similar Part No. - AP1511

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1511 ANACHIP-AP1511 Datasheet
177Kb / 5P
   PWM Control 5A Step-Down Converter
logo
Guangdong Youtai Semico...
AP1511 UMW-AP1511 Datasheet
769Kb / 8P
    IR-Cut Removable (ICR) dedicated driver IC.
AP1511B UMW-AP1511B Datasheet
769Kb / 8P
    IR-Cut Removable (ICR) dedicated driver IC.
logo
Anachip Corp
AP1511S ANACHIP-AP1511S Datasheet
177Kb / 5P
   PWM Control 5A Step-Down Converter
AP1511SA ANACHIP-AP1511SA Datasheet
177Kb / 5P
   PWM Control 5A Step-Down Converter
More results

Similar Description - AP1511

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Anachip Corp
AP1511 ANACHIP-AP1511 Datasheet
177Kb / 5P
   PWM Control 5A Step-Down Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
   PWM Control 1500mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com