Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM538254BTT-7 Datasheet(PDF) 2 Page - Elpida Memory

Part # HM538254BTT-7
Description  2 M VRAM (256-kword x 8-bit) Hyper Page Mode (HM538254B)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM538254BTT-7 Datasheet(HTML) 2 Page - Elpida Memory

  HM538254BTT-7 Datasheet HTML 1Page - Elpida Memory HM538254BTT-7 Datasheet HTML 2Page - Elpida Memory HM538254BTT-7 Datasheet HTML 3Page - Elpida Memory HM538254BTT-7 Datasheet HTML 4Page - Elpida Memory HM538254BTT-7 Datasheet HTML 5Page - Elpida Memory HM538254BTT-7 Datasheet HTML 6Page - Elpida Memory HM538254BTT-7 Datasheet HTML 7Page - Elpida Memory HM538254BTT-7 Datasheet HTML 8Page - Elpida Memory HM538254BTT-7 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
HM538253B/HM538254B Series
Data Sheet E0163H10
2
• Fast page mode capability (HM538253B)
 Cycle time:
45 ns/50 ns/55 ns
 Power RAM:
605 mW/578 mW/550 mW
• Hyper page mode capability (HM538254B)
 Cycle time:
35 ns/40 ns/45 ns
 Power RAM:
715 mW/660 mW/605 mW
• Mask write mode capability
• Bidirectional data transfer cycle between RAM and SAM capability
• Split transfer cycle capability
• Block write mode capability
• Flash write mode capability
• 3 variations of refresh (8 ms/512 cycles)
 RAS-only refresh
 CAS-before-RAS refresh
 Hidden refresh
• TTL compatible
Ordering Information
Type No.
Access Time
Package
HM538253BJ-7
HM538253BJ-8
HM538253BJ-10
70 ns
80 ns
100 ns
400-mil, 40-pin plastic SOJ (CP-40D)
HM538254BJ-7
HM538254BJ-8
HM538254BJ-10
70 ns
80 ns
100 ns
HM538253BTT-7
HM538253BTT-8
HM538253BTT-10
70 ns
80 ns
100 ns
44-pin thin small outline package (TTP-44/40DA)
HM538254BTT-7
HM538254BTT-8
HM538254BTT-10
70 ns
80 ns
100 ns


Similar Part No. - HM538254BTT-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM538123BJ-10 HITACHI-HM538123BJ-10 Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM538123BJ-6 HITACHI-HM538123BJ-6 Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM538123BJ-7 HITACHI-HM538123BJ-7 Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM538123BJ-8 HITACHI-HM538123BJ-8 Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
More results

Similar Description - HM538254BTT-7

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM534253B ELPIDA-HM534253B Datasheet
459Kb / 45P
   1 M VRAM (256-kword x 4-bit)
logo
Hitachi Semiconductor
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
   4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16258BI HITACHI-HM62W16258BI Datasheet
70Kb / 16P
   4 M SRAM (256-kword x 16-bit)
logo
List of Unclassifed Man...
MB8117800A-60 ETC1-MB8117800A-60 Datasheet
580Kb / 27P
   2 M X 8 BIT FAST PAGE MODE DYNAMIC RAM
logo
Hitachi Semiconductor
HM62V16256B HITACHI-HM62V16256B Datasheet
78Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16256B HITACHI-HM62W16256B Datasheet
79Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HN58S256A HITACHI-HN58S256A Datasheet
88Kb / 17P
   256 k EEPROM (32-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com