Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52RD168GB-A6F Datasheet(PDF) 6 Page - Elpida Memory

Part # HB52RD168GB-A6F
Description  128 MB Unbuffered SDRAM Micro DIMM 16-Mword64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52RD168GB-A6F Datasheet(HTML) 6 Page - Elpida Memory

Back Button HB52RD168GB-A6F Datasheet HTML 2Page - Elpida Memory HB52RD168GB-A6F Datasheet HTML 3Page - Elpida Memory HB52RD168GB-A6F Datasheet HTML 4Page - Elpida Memory HB52RD168GB-A6F Datasheet HTML 5Page - Elpida Memory HB52RD168GB-A6F Datasheet HTML 6Page - Elpida Memory HB52RD168GB-A6F Datasheet HTML 7Page - Elpida Memory HB52RD168GB-A6F Datasheet HTML 8Page - Elpida Memory HB52RD168GB-A6F Datasheet HTML 9Page - Elpida Memory HB52RD168GB-A6F Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
HB52RD168GB-F
Data Sheet E0009H10
6
Byte No. Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value Comments
23
SDRAM cycle time
(2nd highest
CE latency)
(-A6F/A6FL) 10 ns
10100000A0
CL=2
(-B6F/B6FL) 15 ns
11110000F0
24
SDRAM access from Clock
(2nd highest
CE latency)
(-A6F/A6FL) 6 ns
0110000060
CL=2
(-B6F/B6FL) 8 ns
1000000080
25
SDRAM cycle time
(3rd highest
CE latency)
Undefined
0000000000
26
SDRAM access from Clock (3rd
highest
CE latency)
Undefined
0000000000
27
Minimum row precharge time
0001010014
20 ns
28
Row active to row active min
0001010014
20 ns
29
RE to CE delay min
0001010014
20 ns
30
Minimum
RE pulse width
0011001032
50 ns
31
Density of each bank on
module
0010000020
128M byte
32
Address and command signal
input setup time
0010000020
2 ns
33
Address and command signal
input hold time
0001000010
1 ns
34
Data signal input setup time
0010000020
2 ns
35
Data signal input hold time
0001000010
1 ns
36 to 61 Superset information
0000000000
Future use
62
SPD data revision code
0001001012
Rev. 1.2A
63
Checksum for bytes 0 to 62
(-A6F/A6FL)
0001001012
18
(-B6F/B6FL)
1000001082
130
64
Manufacturer’s JEDEC ID code
0000011107
HITACHI
65 to 71 Manufacturer’s JEDEC ID code
0000000000
72
Manufacturing location
××××××××××
*
3 (ASCII-8bit
code)
73
Manufacturer’s part number
0100100048
H
74
Manufacturer’s part number
0100001042
B
75
Manufacturer’s part number
0011010135
5
76
Manufacturer’s part number
0011001032
2
77
Manufacturer’s part number
0101001052
R


Similar Part No. - HB52RD168GB-A6F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RD328DC-A6F ELPIDA-HB52RD328DC-A6F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RD328DC-A6FL ELPIDA-HB52RD328DC-A6FL Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RD328DC-B6F ELPIDA-HB52RD328DC-B6F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RD328DC-B6FL ELPIDA-HB52RD328DC-B6FL Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RD328DC-F ELPIDA-HB52RD328DC-F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
More results

Similar Description - HB52RD168GB-A6F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
   32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
HB52D328DC-B ELPIDA-HB52D328DC-B Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52RD328DC-F ELPIDA-HB52RD328DC-F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52R329E22-F ELPIDA-HB52R329E22-F Datasheet
356Kb / 66P
   256 MB Registered SDRAM DIMM 32-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 16 M 횞 4 Components) PC100 SDRAM
HB52D88GB-F ELPIDA-HB52D88GB-F Datasheet
155Kb / 22P
   64 MB Unbuffered SDRAM Micro DIMM 8-Mword 쨈 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 8 M 쨈 16 components) PC100 SDRAM
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
HB52R1289E2U-A6B ELPIDA-HB52R1289E2U-A6B Datasheet
166Kb / 22P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com