Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM538254BTT-10 Datasheet(PDF) 10 Page - Elpida Memory

Part # HM538254BTT-10
Description  2 M VRAM (256-kword x 8-bit) Hyper Page Mode (HM538254B)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM538254BTT-10 Datasheet(HTML) 10 Page - Elpida Memory

Back Button HM538254BTT-10 Datasheet HTML 6Page - Elpida Memory HM538254BTT-10 Datasheet HTML 7Page - Elpida Memory HM538254BTT-10 Datasheet HTML 8Page - Elpida Memory HM538254BTT-10 Datasheet HTML 9Page - Elpida Memory HM538254BTT-10 Datasheet HTML 10Page - Elpida Memory HM538254BTT-10 Datasheet HTML 11Page - Elpida Memory HM538254BTT-10 Datasheet HTML 12Page - Elpida Memory HM538254BTT-10 Datasheet HTML 13Page - Elpida Memory HM538254BTT-10 Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
HM538253B/HM538254B Series
Data Sheet E0163H10
10
same as the usual read and write cycle, so read, early write, and delayed write cycle can be executed. In this
cycle, the HM538253B/ HM538254B refreshes the row address fetched at the falling edge of
RAS.
Mask Register Set/Read Cycle (
CAS high, DT/OE high, WE high, and DSF1 low at the falling edge of RAS:
Mnemonic Code; LMR) In this cycle, mask data is set to the internal mask register persistently used in mask
write cycle, block write cycle, flash write cycle, masked write transfer, and masked split write transfer. 8 bits
of internal mask register are provided at each I/O. This mask register is composed of static circuits. So once it
is reset by CBRR cycle, it retains the data until reset or reselect. Once LMR is set, mask write cycle data is
written by persistent mask data. Since mask register set cycle is just the same as the usual read and write
cycle, so read, early write, and delayed write cycle can be executed.
Flash Write Cycle (
CAS high, DT/OE high, WE low, and DSF1 high at the falling edge of RAS:
Mnemonic; FW) In a flash write cycle, a row of data (512 word
× 8 bit) is cleared to 0 or 1 at each I/O
according to the data in the color register mentioned before. It is also necessary to mask I/O in this cycle.
When
CAS and DT/OE are set high, WE is low, and DSF1 is high at the falling edge of RAS, this cycle starts.
Then, the row address to clear is given to row address. Mask data is the same as that of a RAM write cycle.
Cycle time is the same as those of RAM read/write cycles, so all bits can be cleared in 1/512 of the usual
cycle time. (See figure 1.)
Block Write Cycle (
CAS high, DT/OE high and DSF1 low at the falling edge of RAS, DSF1 high and WE
low at the falling edge of
CAS: Mnemonic; BW) In a block write cycle, 4 columns of data (4 column
× 8 bit)
are cleared to 0 or 1 at each I/O according to the data of color register. Column addresses A0 and A1 are
disregarded. The mask data on I/Os and the mask data on column address can be determined independently.
I/O level at the falling edge of
CAS determines the address to be cleared. (See figure 2.) The block write cycle
is as the same as the usual write cycle, so early and delayed write, read-modify-write, and page mode write
cycle can be executed.
No Mask Mode Block Write Cycle (
WE high at the falling edge of RAS): The data on 8 I/Os are all cleared
when
WE is high at the falling edge of RAS.
Mask Block Write Cycle (
WE low at the falling edge of RAS):When WE is low at the falling edge of RAS,
the HM538253B/HM538254B starts mask block write cycle to clear the data on an optional I/O. The mask
data is the same as that of a RAM write cycle. High I/O is cleared, low I/O is not cleared and the internal data
is retained. In new mask mode, the mask data is available in the
RAS cycle. In persistent mask mode, I/O
does not care about mask mode.


Similar Part No. - HM538254BTT-10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM538123BJ-10 HITACHI-HM538123BJ-10 Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM538123BJ-6 HITACHI-HM538123BJ-6 Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM538123BJ-7 HITACHI-HM538123BJ-7 Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM538123BJ-8 HITACHI-HM538123BJ-8 Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
More results

Similar Description - HM538254BTT-10

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM534253B ELPIDA-HM534253B Datasheet
459Kb / 45P
   1 M VRAM (256-kword x 4-bit)
logo
Hitachi Semiconductor
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
   4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16258BI HITACHI-HM62W16258BI Datasheet
70Kb / 16P
   4 M SRAM (256-kword x 16-bit)
logo
List of Unclassifed Man...
MB8117800A-60 ETC1-MB8117800A-60 Datasheet
580Kb / 27P
   2 M X 8 BIT FAST PAGE MODE DYNAMIC RAM
logo
Hitachi Semiconductor
HM62V16256B HITACHI-HM62V16256B Datasheet
78Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16256B HITACHI-HM62W16256B Datasheet
79Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HN58S256A HITACHI-HN58S256A Datasheet
88Kb / 17P
   256 k EEPROM (32-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com