Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52D168GB-A6BL Datasheet(PDF) 6 Page - Elpida Memory

Part # HB52D168GB-A6BL
Description  128 MB Unbuffered SDRAM Micro DIMM 16-Mword64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52D168GB-A6BL Datasheet(HTML) 6 Page - Elpida Memory

Back Button HB52D168GB-A6BL Datasheet HTML 2Page - Elpida Memory HB52D168GB-A6BL Datasheet HTML 3Page - Elpida Memory HB52D168GB-A6BL Datasheet HTML 4Page - Elpida Memory HB52D168GB-A6BL Datasheet HTML 5Page - Elpida Memory HB52D168GB-A6BL Datasheet HTML 6Page - Elpida Memory HB52D168GB-A6BL Datasheet HTML 7Page - Elpida Memory HB52D168GB-A6BL Datasheet HTML 8Page - Elpida Memory HB52D168GB-A6BL Datasheet HTML 9Page - Elpida Memory HB52D168GB-A6BL Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
HB52F168GB-B, HB52D168GB-B
Data Sheet E0008H10
6
Byte No. Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value Comments
20
SDRAM device attributes:
W latency
0000000101
0
21
SDRAM module attributes
0000000000
Unbuffer
22
SDRAM device attributes:
General
000011100E
V
CC ± 10%
23
SDRAM cycle time
(2nd highest
CE latency)
(-75/A6) 10 ns
10100000A0
CL = 2
(-B6) 15 ns
11110000F0
24
SDRAM access from Clock
(2nd highest
CE latency)
(-75/A6) 6 ns
0110000060
(-B6) 8 ns
1000000080
25
SDRAM cycle time
(3rd highest
CE latency)
Undefined
0000000000
26
SDRAM access from Clock
(3rd highest
CE latency)
Undefined
0000000000
27
Minimum row precharge time
0001010014
20 ns
28
Row active to row active min
(-75)
000011110F
15 ns
(-A6/B6)
0001010014
20 ns
29
RE to CE delay min
0001010014
20 ns
30
Minimum
RE pulse width
(-75)
001011012D
45 ns
(-A6/B6)
0011001032
50 ns
31
Density of each bank on
module
0010000020
128M byte
32
Address and command signal
input setup time
(-75)
0001010115
1.5 ns
(-A6/B6)
0010000020
2.0 ns
33
Address and command signal
input hold time
(-75)
0000100008
0.8 ns
(-A6/B6)
0001000010
1.0 ns
34
Data signal input setup time
(-75)
0001010115
1.5 ns
(-A6/B6)
0010000020
2.0 ns


Similar Part No. - HB52D168GB-A6BL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52D328DC-A6B ELPIDA-HB52D328DC-A6B Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52D328DC-A6BL ELPIDA-HB52D328DC-A6BL Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52D328DC-B ELPIDA-HB52D328DC-B Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52D328DC-B6B ELPIDA-HB52D328DC-B6B Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52D328DC-B6BL ELPIDA-HB52D328DC-B6BL Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
More results

Similar Description - HB52D168GB-A6BL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RD168GB-F ELPIDA-HB52RD168GB-F Datasheet
115Kb / 22P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RF648DC-B ELPIDA-HB52RF648DC-B Datasheet
160Kb / 20P
   512 MB Unbuffered SDRAM S.O.DIMM 64-Mword 횞 64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M 횞 8 components) PC133/100 SDRAM
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
   32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52D328DC-B ELPIDA-HB52D328DC-B Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52RF1289E2-75B ELPIDA-HB52RF1289E2-75B Datasheet
167Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2U-75B ELPIDA-HB52RF1289E2U-75B Datasheet
157Kb / 20P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2 ELPIDA-HB52RF1289E2 Datasheet
161Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RD328DC-F ELPIDA-HB52RD328DC-F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com