Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52D48GB-B6FL Datasheet(PDF) 4 Page - Elpida Memory

Part # HB52D48GB-B6FL
Description  32 MB Unbuffered SDRAM Micro DIMM 4-Mword64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52D48GB-B6FL Datasheet(HTML) 4 Page - Elpida Memory

  HB52D48GB-B6FL Datasheet HTML 1Page - Elpida Memory HB52D48GB-B6FL Datasheet HTML 2Page - Elpida Memory HB52D48GB-B6FL Datasheet HTML 3Page - Elpida Memory HB52D48GB-B6FL Datasheet HTML 4Page - Elpida Memory HB52D48GB-B6FL Datasheet HTML 5Page - Elpida Memory HB52D48GB-B6FL Datasheet HTML 6Page - Elpida Memory HB52D48GB-B6FL Datasheet HTML 7Page - Elpida Memory HB52D48GB-B6FL Datasheet HTML 8Page - Elpida Memory HB52D48GB-B6FL Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
HB52D48GB-F
Data Sheet E0011H10
4
Front side
Back side
Pin No.
Signal name Pin No.
Signal name Pin No.
Signal name Pin No.
Signal name
61
CK0
133
DQ29
62
CKE0
134
DQ61
63
V
CC
135
DQ30
64
V
CC
136
DQ62
65
RE
137
DQ31
66
CE
138
DQ63
67
W
139
V
SS
68
NC
140
V
SS
69
S0
141
SDA
70
NC
142
SCL
71
NC
143
V
CC
72
NC
144
V
CC
Pin Description
Pin name
Function
A0 to A11
Address input
⎯ Row address A0 to A11
⎯ Column address A0 to A7
A12/A13
Bank select address
BA1, BA0
DQ0 to DQ63
Data-input/output
S0
Chip select
RE
Row address asserted bank enable
CE
Column address asserted
W
Write enable
DQMB0 to DQMB7
Byte input/output mask
CK0/CK1
Clock input
CKE0
Clock enable
SDA
Data-input/output for serial PD
SCL
Clock input for serial PD
V
CC
Power supply
V
SS
Ground
NC
No connection


Similar Part No. - HB52D48GB-B6FL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52D168GB-A6B ELPIDA-HB52D168GB-A6B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D168GB-A6BL ELPIDA-HB52D168GB-A6BL Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D168GB-B ELPIDA-HB52D168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D168GB-B6B ELPIDA-HB52D168GB-B6B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D168GB-B6BL ELPIDA-HB52D168GB-B6BL Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
More results

Similar Description - HB52D48GB-B6FL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RD168GB-F ELPIDA-HB52RD168GB-F Datasheet
115Kb / 22P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RD328DC-F ELPIDA-HB52RD328DC-F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D328DC-B ELPIDA-HB52D328DC-B Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52R329E22-F ELPIDA-HB52R329E22-F Datasheet
356Kb / 66P
   256 MB Registered SDRAM DIMM 32-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 16 M 횞 4 Components) PC100 SDRAM
HB52D88GB-F ELPIDA-HB52D88GB-F Datasheet
155Kb / 22P
   64 MB Unbuffered SDRAM Micro DIMM 8-Mword 쨈 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 8 M 쨈 16 components) PC100 SDRAM
HB52R1289E2U-A6B ELPIDA-HB52R1289E2U-A6B Datasheet
166Kb / 22P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com